전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MPN3125FTG 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MPN3125FTG
상세설명  Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPN3125FTG 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MPN3125FTG Datasheet HTML 1Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TC7MPN3125FTG
2007-10-19
1
TOSHIBA Digital Integrated Circuit Silicon Monolithic
TC7MPN3125FTG
Low Voltage/Low Power 2-Bit
× 2 Dual Supply Bus Transceiver
The TC7MPN3125FTG is a dual supply, advanced high-speed
CMOS 4-bit dual supply voltage interface bus transceiver
fabricated with silicon gate CMOS technology.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V,
or 2.5-V bus and a 1.8-V, 2.5-V or 3.6-V bus in mixed 1.2-V, 1.5-V,
1.8-V or 2.5-V/1.8-V, 2.5-V or 3.6-V supply systems.
The A-port interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus,
the B-port with the 1.8-V, 2.5-V, 3.3-V bus.
The direction of data transmission is determined by the level of
the DIR input. The enable input ( OE ) can be used to disable the
device so that the buses are effectively isolated.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
• Bidirectional interface between 1.2-V and 1.8-V, 1.2-V and 2.5-V, 1.2-V and 3.3-V, 1.5-V and 2.5-V, 1.5-V and
3.3-V, 1.8-V and 2.5-V, 1.8-V and 3.3-V or 2.5-V and 3.3-V buses.
• High-speed operation: tpd = 13.7 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
tpd = 14.8 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 16.0 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 61 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 18.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 19.7 ns (max) (VCCA = 1.5 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 60 ns (max) (VCCA = 1.2 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 58 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current: IOHB/IOLB = ±3 mA (min) (VCCB = 3.0 V)
IOHB/IOLB = ±2 mA (min) (VCCB = 2.3 V)
IOHB/IOLB = ±0.5 mA (min) (VCCB = 1.65 V)
IOHA/IOLA = ±9 mA (min) (VCCA = 2.3 V)
IOHA/IOLA = ±3 mA (min) (VCCA = 1.65 V)
IOHA/IOLA = ±1 mA (min) (VCCA = 1.4 V)
• Latch-up performance: ±300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Ultra-small package: VQON16
• Low current consumption: Using the new circuit significantly reduces current consumption when OE = “H”.
Suitable for battery-driven applications such as PDAs and cellular phones.
• Floating A-bus and B-bus are permitted. (when OE = “H”)
3.6-V tolerant function and power-down protection provided on all inputs and outputs.
Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
Note: When mounting VQON package, the type of recommended flux is RA or RMA.
Weight: 0.013 g (typ.)


유사한 부품 번호 - TC7MPN3125FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MPN3125FT TOSHIBA-TC7MPN3125FT Datasheet
377Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-07 Rev.6.0
More results

유사한 설명 - TC7MPN3125FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com