전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7PA19AFE 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7PA19AFE
상세설명  Chip Select Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA19AFE 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7PA19AFE_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA19AFE_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7PA19AFE
2007-11-01
4
DC Electrical Characteristics (Ta = −40∼85°C, 1.4 V <= VCC < 2.3 V)
AC Electrical Characteristics (Ta = −40∼85°C, input tr = tf = 2.0 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.5
± 0.1
1.8
10.0
1.8
± 0.15
1.5
8.0
2.5
± 0.2
0.8
3.9
CL=15pF,
RL=1MΩ
3.3
± 0.3
0.6
3.3
ns
1.5
± 0.1
2.0
13.0
1.8
± 0.15
1.8
9.5
2.5
± 0.2
1.2
5.0
Propagation delay time
(A or G – Y0 or Y1 )
tpLH
tpHL
(Figure 1 and 2)
CL=30pF,
RL=500Ω
3.3
± 0.3
1.0
4.0
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
TYP.
Unit
Input Capacitance
CIN
1.8, 2.5, 3.3
6
pF
Power Dissipation Capacitance
CPD
fIN = 10 MHz
(Note 9)
1.8, 2.5, 3.3
20
pF
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
1.4~2.3
VCC
× 0.7
Low-Level Input Voltage
VIL
1.4~2.3
VCC
× 0.13
V
IOH = −100 μA
1.4
VCC
− 0.2
High-Level Output Voltage
VOH
VIN = VIH or VIL
IOH = −4 mA
1.4
1.0
V
IOL = 100 μA
1.4
0.2
Low-Level Output Voltage
VOL
VIN = VIH or VIL
IOL = 4 mA
1.4
0.3
V
Input Leakage Current
IIN
VIN = 0~3.6 V
1.4
±10.0
μA
VIN = VCC or GND
1.4
20.0
Quiescent Supply Current
ICC
VCC <= VIN <= 3.6 V
1.4
±20.0
μA


유사한 부품 번호 - TC7PA19AFE_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC7PA19AFE_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7PA19FU TOSHIBA-TC7PA19FU Datasheet
178Kb / 8P
   Chip Select Decoder
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153_14 Datasheet
790Kb / 24P
   Programmable Chip Select
logo
List of Unclassifed Man...
NKM2401 ETC-NKM2401 Datasheet
345Kb / 15P
   Code/decoder chip
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
logo
STMicroelectronics
HCF4556 STMICROELECTRONICS-HCF4556 Datasheet
435Kb / 9P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT
September 2001
HCF4555B STMICROELECTRONICS-HCF4555B Datasheet
524Kb / 10P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT HIGH ON SELECT
September 2001
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com