전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SA34FU 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7SA34FU
상세설명  Non-Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34FU 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7SA34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7SA34F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C, 2.7 V < VCC <= 3.6 V)
DC Characteristics (Ta = −40~85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.7~3.6
2.0
Input voltage
Low level
VIL
2.7~3.6
0.8
V
IOH = −100 μA
2.7~3.6
VCC
− 0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
High level
VOH
VIN = VIH
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Output voltage
Low level
VOL
VIN = VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0~3.6 V
2.7~3.6
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
750
μA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.3~2.7
1.6
Input voltage
Low level
VIL
2.3~2.7
0.7
V
IOH = −100 μA
2.3~2.7
VCC
− 0.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
High level
VOH
VIN = VIH
IOH = −18 mA
2.3
1.7
IOL = 100 μA
2.3~2.7
0.2
IOL = 12 mA
2.3
0.4
Output voltage
Low level
VOL
VIN = VIL
IOL = 18 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0~3.6 V
2.3~2.7
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3~2.7
±20.0
μA


유사한 부품 번호 - TC7SA34FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
More results

유사한 설명 - TC7SA34FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
   NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
   NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
   Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
   NON-Inverter
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
   Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
   Non-Inverter
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FK TOSHIBA-TC7WH34FK_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
TC7W34FU TOSHIBA-TC7W34FU_07 Datasheet
197Kb / 7P
   Triple Non-Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com