전자부품 데이터시트 검색엔진 |
|
TC74LCX373F 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TC74LCX373F 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 10 page TC74LCX373F/FT/FK 2007-10-19 2 Pin Assignment (top view) IEC Logic Symbol Truth Table Inputs OE LE D Outputs H X X Z L L X Qn L H L L L H H H X: Don’t care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level. System Diagram 1 11 3 4 7 8 13 14 17 18 2 5 6 9 12 15 16 19 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 EN 1D C1 OE LE D0 D1 D2 D3 D4 D5 D6 D7 VCC 20 Q7 D7 D6 19 18 17 16 15 14 OE 1 2 3 4 5 6 7 D1 Q1 Q2 D2 D3 Q3 Q6 8 9 10 D4 Q4 GND 13 12 11 Q5 D5 LE Q0 D0 LE OE Q1 1 11 3 2 Q2 4 5 Q3 7 6 Q4 8 9 Q5 13 12 Q6 14 15 Q7 17 16 L Q D L Q D L Q D L Q D L Q D L Q D L Q D D1 D2 D3 D4 D5 D6 D7 18 19 L Q D Q0 D0 |
유사한 부품 번호 - TC74LCX373F_07 |
|
유사한 설명 - TC74LCX373F_07 |