전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX164245FT 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC74LCX164245FT
상세설명  16-Bit Dual Supply Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX164245FT 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74LCX164245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC74LCX164245FT
2007-10-19
9
Capacitive Characteristics (Ta = 25°C)
VCCB = 5.0 V
Characteristics
Symbol
Test
Circuit
Test Condition
VCCA (V)
Typ.
Unit
Input capacitance
CIN
DIR, OE
2.5, 3.3
7
pF
Output capacitance
CI/O
An, Bn
2.5, 3.3
8
pF
A
B (DIR = “H”)
2.5, 3.3
2
CPDA
B
A (DIR = “L”)
2.5, 3.3
26
A
B (DIR = “H”)
2.5, 3.3
36
Power dissipation capacitance
(Note)
CPDB
B
A (DIR = “L”)
2.5, 3.3
4
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/16 (per bit)


유사한 부품 번호 - TC74LCX164245FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT Datasheet
158Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC74LCX164245FT_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com