전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LVX273F 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74LVX273F
상세설명  Octal D-Type Flip-Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX273F 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX273F Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LVX273F/FT
2007-10-17
5
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
9.0
16.9
1.0
20.5
tpLH
2.7
50
11.5
20.4
1.0
24.0
15
7.1
11.0
1.0
13.0
Propagation delay time
(CK-Q)
tpHL
3.3
± 0.3
50
9.6
14.5
1.0
16.5
ns
15
9.3
17.6
1.0
20.5
2.7
50
11.8
21.1
1.0
24.0
15
7.3
11.5
1.0
13.5
Propagation delay time
( CLR -Q)
tpHL
3.3
± 0.3
50
9.8
15.0
1.0
17.0
ns
15
55
110
45
2.7
50
45
60
40
15
95
150
80
Maximum clock frequency
fmax
3.3
± 0.3
50
60
90
50
MHz
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Power dissipation capacitance
CPD
(Note 3)
31
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per F/F)
And the total CPD when n pcs. of F/F operate can be gained by the following equation:
CPD (total) = 22 + 9・n


유사한 부품 번호 - TC74LVX273F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74LVX273FT TOSHIBA-TC74LVX273FT Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74LVX273FW TOSHIBA-TC74LVX273FW Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

유사한 설명 - TC74LVX273F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com