전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX257FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VCX257FT
상세설명  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX257FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX257FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX257FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74VCX257FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX257FT, TC74VCX257FK
Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
The TC74VCX257 is a high performance CMOS multiplexer
which is guaranteed to operate from 1.2-V to 3.6-V. Designed for
use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high speed
operation while maintaining the CMOS low power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
It consists of four 2-input digital multiplexers with common
SELECT and OUTPUTENABLE ( OE ).
If OE is set high the outputs are held in a high-impedance
state. The SELECT decoding determines whether the A or B
inputs get routed to their corresponding Y outputs.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low voltage operation: VCC = 1.2~3.6 V
• High speed operation: tpd = 3.0 ns (max) (VCC = 3.0~3.6 V)
tpd = 4.0 ns (max) (VCC = 2.3~2.7 V)
tpd = 8.0 ns (max) (VCC = 1.65~1.95 V)
tpd = 16.0 ns (max) (VCC = 1.4~1.6 V)
tpd = 40.0 ns (max) (VCC = 1.2 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP and VSSOP (US)
• Power down protection is provided on all inputs and outputs.
TC74VCX257FT
TC74VCX257FK
Weight
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)


유사한 부품 번호 - TC74VCX257FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX2573FK TOSHIBA-TC74VCX2573FK Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT Datasheet
342Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2573FT TOSHIBA-TC74VCX2573FT Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FK TOSHIBA-TC74VCX2574FK Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74VCX257FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK_07 Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_12 Datasheet
226Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com