전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GB082A 데이터시트(Datasheet) 6 Page - Jewel Hill Electronic

부품명 GB082A
상세내용  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo 

 
 6 page
background image
GB082A
VER: 3.0
- 5 -
Issue date: 2006/07/27
JEWEL HILL ELECTRONIC CO.,LTD.
5. MAXIMUM RATINGS
Item
Symbol
Min
Max
Unit
Note
VDD - Vss
-0.3
7.0
V
Supply voltage
VLCD
-0.3
13.0
V
Input Voltage
VIN
-0.3
VDD+0.3
V
Operating temperature
TOPR
0
+50
Storage temperature
TSTR
-10
+60
Humidity
---
---
90
%RH
6. ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Logic
VDD
---
---
5.0
---
V
H level
VIH
0.8VDD
---
VDD
Input Voltage
L level
VIL
---
VSS
---
0.2VDD
V
Current Consumption
(LCD DRIVER)
IDD
VDD=5.0V;
VLCD=4.7V,Tamb=25℃;
---
---
1.0
mA
LCD Driving Voltage
VLCD
Bias=1/5
VLCD=VDD-VO
---
4.7
---
V




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AG-16080ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
JH162ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MTC-S16201XFGHSAYLCD MODULE SPECIFICATION FOR CUSTOMER APPROVAL 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDA7519MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS 1 2 3 4 5 MoreSTMicroelectronics
AGM2412ASPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
TRM7PRF Module for Cordless Telephone in Japan Use 1 2 Mitsumi Electronics, Corp.
NX7337BF-AA1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION 1 2 3 4 5 California Eastern Labs
EPF8105S10/100Base-TX Module for Multi-Port Applications 1 PCA ELECTRONICS INC.
RA30H4047M1RF MOSFET MODULE 400-470MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl