전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX163245FT 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC74VCX163245FT
상세설명  16-Bit Dual Supply Bus Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX163245FT 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX163245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX163245FT Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC74VCX163245FT
2007-10-19
9
DC Characteristics (VCCB = 2.5 ± 0.2 V, VCCA = 3.3 ± 0.3 V)
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCCB (V) VCCA (V)
Min
Max
Unit
VIHB
DIR, OE , Bn
2.5
± 0.2
3.3
± 0.3
1.6
H-level input voltage
VIHA
An
2.5
± 0.2
3.3
± 0.3
2.0
V
VILB
DIR, OE , Bn
2.5
± 0.2
3.3
± 0.3
0.7
L-level input voltage
VILA
An
2.5
± 0.2
3.3
± 0.3
0.8
V
2.5
± 0.2
3.3
± 0.3
VCCB
0.2
VOHB
IOHB = −100 μA
IOHB = −18 mA
2.3
3.3
± 0.3
1.7
2.5
± 0.2
3.3
± 0.3
VCCA
0.2
H-level output voltage
VOHA
VIN = VIH or VIL
IOHA = −100 μA
IOHA = −24 mA
2.5
± 0.2
3.0
2.2
V
2.5
± 0.2
3.3
± 0.3
0.2
VOLB
IOLB = 100 μA
IOLB = 18 mA
2.3
3.3
± 0.3
0.6
2.5
± 0.2
3.3
± 0.3
0.2
L-level output voltage
VOLA
VIN = VIH or VIL
IOLA = 100 μA
IOLA = 24 mA
2.5
± 0.2
3.0
0.55
V
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.5
± 0.2
3.3
± 0.3
±10
3-state output OFF state current
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.5
± 0.2
3.3
± 0.3
±10
μA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
2.5
± 0.2
3.3
± 0.3
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
0
10
μA
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
2.5
± 0.2
3.3
± 0.3
20
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
2.5
± 0.2
3.3
± 0.3
20
μA
ICCB
VCCB < (VIN, VOUT) <= 3.6 V
2.5
± 0.2
3.3
± 0.3
±20
ICCA
VCCA <= (VIN, VOUT) <= 3.6 V
2.5
± 0.2
3.3
± 0.3
±20
μA
ICCTB
VINB = VCCB 0.6 V per input
2.5
± 0.2
3.3
± 0.3
750
μA
Quiescent supply current
ICCTA
VINA = VCCA 0.6 V per input
2.5
± 0.2
3.3
± 0.3
750
μA


유사한 부품 번호 - TC74VCX163245FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT Datasheet
185Kb / 15P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC74VCX163245FT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com