전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCXH16374FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VCXH16374FT
상세설명  Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16374FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXH16374FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC74VCXH16374FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXH16374FT
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
The TC74VCXH16374FT is a high-performance CMOS 16-bit
D-type flip-flop. Designed for use in 1.8-V, 2.5-V or 3.3-V systems,
it achieves high-speed operation while maintaining the CMOS
low power dissipation.
This 16-bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input ( OE ) which are common to each byte.
It can be used as two 8-bit flip-flops or one 16-bit flip-flop. When
the OE input is high, the outputs are in a high-impedance state.
The D data inputs include active bushold circuitry, eliminating
the need for external pull-up resistors to hold unused or floating
data inputs at a valid logic level.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 1.8 to 3.6 V
• Bushold on data inputs eliminating the need for external pull-up/pull-down resistors
• High-speed operation: tpd = 3.0 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 3.9 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 6.0 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection control inputs and outputs
Weight: 0.25 g (typ.)


유사한 부품 번호 - TC74VCXH16374FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
More results

유사한 설명 - TC74VCXH16374FT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com