전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCXR162501FT 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74VCXR162501FT
상세설명  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162501FT 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCXR162501FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TC74VCXR162501FT
2007-10-19
7
DC Characteristics (Ta = −40 to 85°C, 1.8 V <= VCC < 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
1.8 to 2.3
0.7
×
VCC
Input voltage
L-level
VIL
1.8 to 2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
0.2
H-level
VOH
VIN = VIH or VIL
IOH = −4 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
V
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 4 mA
1.8
0.3
Input leakage current
IIN
VIN = 0 to 3.6 V
1.8
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.8
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


유사한 부품 번호 - TC74VCXR162501FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT Datasheet
531Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCXR162501FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com