전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCXR162501FT 데이터시트(PDF) 11 Page - Toshiba Semiconductor

부품명 TC74VCXR162501FT
상세설명  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162501FT 데이터시트(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXR162501FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXR162501FT Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TC74VCXR162501FT
2007-10-19
11
Figure 5 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable
Control ( OEBA )
Output (An)
Low to Off to Low
Output (An)
High to Off to High
VX
tf 2.0 ns
Figure 4 tpLH, tpHL, tw, ts, th
th (L)
ts (L)
10%
90%
VM
VIH
GND
VIH
GND
VOH
VOL
ts (H)
th (H)
tf 2.0 ns
tr 2.0 ns
90%
VM
10%
VM
VM
tpHL
tpLH
VM
tw (H)
tpLH
tpHL
VM
Input
(LEAB, LEBA)
Input
(An, Bn)
Output
(Bn, An)
tr 2.0 ns
tf 2.0 ns


유사한 부품 번호 - TC74VCXR162501FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT Datasheet
531Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCXR162501FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com