전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCXR162652FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VCXR162652FT
상세설명  Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162652FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VCXR162652FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162652FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TC74VCXR162652FT
2007-10-19
3
Truth Table
Control Inputs
Bus
OEAB
OEBA
CAB
CBA
SAB
SBA
A
B
Function
Input
Input
X*
X*
X
X
Z
Z
The output functions of A and B Busses are
disabled.
L
H
X
X
X
X
Both A and B Busses are used as inputs to
the internal flip-flops. Data on the Bus will be
stored on the rising edge of the Clock.
Input
Output
L
L
X*
X*
L
X
H
H
The data on the A bus are displayed on the
B bus.
L
L
X*
L
X
H
H
The data on the A bus are displayed on the
B Bus, and are stored into the A storage
flip-flops on the rising edge of CAB.
X*
X*
H
X
X
Qn
The data in the A storage flop-flops are
displayed on the B Bus.
L
L
H
H
X*
H
X
H
H
The data on the A Bus are stored into the A
storage flip-flops on the rising edge of CAB,
and the stored data propagate directly onto
the B Bus.
Output
Input
L
L
X*
X*
X
L
H
H
The data on the B Bus are displayed on the
A bus.
L
L
X*
X
L
H
H
The data on the B Bus are displayed on the
A Bus, and are stored into the B storage
flip-flops on the rising edge of CBA.
X*
X*
X
H
Qn
X
The data in the B storage flip-flops are
displayed on the A Bus.
L
L
L
L
X*
X
H
H
H
The data on the B Bus are stored into the B
storage flip-flops on the rising edge of CBA,
and the stored data propagate directly onto
the A Bus.
Output
Output
H
L
X*
X*
H
H
Qn
Qn
The data in the A storage flop-flops are
displayed on the B Bus, and the data in the
B storage flop-flops are displayed on the A.
X: Don’t care
Z: High impedance
Qn: The data stored into the internal flip-flops by most recent low to high transition of the clock inputs.
*: The clocks are not internally gated with either OEAB or OEBA .
Therefore, data on the A and/or B busses may be clocked into the storage flip-flops at any time.


유사한 부품 번호 - TC74VCXR162652FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCXR162652FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT_07 Datasheet
250Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com