전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC14FN 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VHC14FN
상세설명  Hex Schmitt Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC14FN 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC14FN Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC14FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHC14F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC14F,TC74VHC14FN,TC74VHC14FT,TC74VHC14FK
Hex Schmitt Inverter
The TC74VHC14 is an advanced high speed CMOS SCHMITT
INVERTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Pin configuration and function are the same as the
TC74VHC04 but the inputs have hysteresis and with its schmitt
trigger function, the TC74VHC14 can be used as a line receivers
which will receive slow input signals.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 5.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS14
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC14F
TC74VHC14FN
TC74VHC14FT
TC74VHC14FK


유사한 부품 번호 - TC74VHC14FN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC14FN TOSHIBA-TC74VHC14FN Datasheet
208Kb / 5P
   HEX SCHMITT INVERTER
More results

유사한 설명 - TC74VHC14FN

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9