전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GB12232ANGABNLA-V01 데이터시트(PDF) 17 Page - Jewel Hill Electronic

부품명 GB12232ANGABNLA-V01
상세설명  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12232ANGABNLA-V01 데이터시트(HTML) 17 Page - Jewel Hill Electronic

Back Button GB12232ANGABNLA-V01 Datasheet HTML 13Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 14Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 15Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 16Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 17Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 18Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 19Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 20Page - Jewel Hill Electronic GB12232ANGABNLA-V01 Datasheet HTML 21Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
GB12232A
VER: 4.0
- 16 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
9. RELIABILITY
9.1
MTBF
The LCD module shall be designed to meet a minimum MTBF value of 50000 hours with normal.
(25°C in the room without sunlight)
9.2
TESTS
NO.
ITEM
CONDITION
CRITERION
1
High Temperature Operating
60℃
120Hrs
2
Low Temperature Operating
-10℃
120Hrs
3
High Temperature/
Humidity Non-Operating
60℃ ,90%RH ,120 Hrs
4
High Temperature
Non-Operating
70℃ 120Hrs
5
Low Temperature
Non-Operating
-20℃ 120Hrs
6
Temperature Cycling
Non-Operating
-10℃(30Min )
↔ 60℃(30Min)
10
CYCLES
。No Defect Of
Operational Function In
Room Temperature Are
Allowable.
。IDD of LCM in
Pre-and post-test should
follow specification
Notes: Judgments should be mode after exposure in room temperature for two hours.


유사한 부품 번호 - GB12232ANGABNLA-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB12232B JHE-GB12232B Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDA-V01 JHE-GB12232BHGAAMDA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDB-V01 JHE-GB12232BHGAAMDB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLA-V01 JHE-GB12232BHGAAMLA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLB-V01 JHE-GB12232BHGAAMLB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

유사한 설명 - GB12232ANGABNLA-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com