전자부품 데이터시트 검색엔진 |
|
TC74VHC367FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VHC367FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor |
5 / 11 page TC74VHC367,368F/FN/FT/FK 2007-10-01 5 AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ― 5.9 8.3 1.0 10.0 3.3 ± 0.3 50 ― 8.4 11.8 1.0 13.5 15 ― 4.1 5.9 1.0 7.0 Propagation delay time (TC74VHC367) tpLH tpHL ― 5.0 ± 0.5 50 ― 5.6 7.9 1.0 9.0 ns 15 ― 5.3 7.5 1.0 9.0 3.3 ± 0.3 50 ― 7.8 11.0 1.0 12.5 15 ― 3.8 5.5 1.0 6.5 Propagation delay time (TC74VHC368) tpLH tpHL ― 5.0 ± 0.5 50 ― 5.3 7.5 1.0 8.5 ns 15 ― 6.8 10.5 1.0 12.5 3.3 ± 0.3 50 ― 9.3 14.0 1.0 16.0 15 ― 4.8 7.2 1.0 8.5 3-state output enable time tpZL tpZH RL = 1 kΩ 5.0 ± 0.5 50 ― 6.3 9.2 1.0 10.5 ns 3.3 ± 0.3 50 ― 9.9 13.6 1.0 15.5 3-state output disable time tpLZ tpHZ RL = 1 kΩ 5.0 ± 0.5 50 ― 6.3 9.2 1.0 10.5 ns 3.3 ± 0.3 50 ― ― 1.5 ― 1.5 Output to output skew tosLH tosHL (Note 1) 5.0 ± 0.5 50 ― ― 1.0 ― 1.0 ns Input capacitance CIN ― ― 4 10 ― 10 pF Output capacitance COUT ― ― 6 ― ― ― pF Power dissipation capacitance CPD (Note 2) ― 19 ― ― ― pF Note 1: Parameter guaranteed by design. tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn| Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC/6 (per bit) Noise Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Characteristics Symbol VCC (V) Typ. Max Unit Quiet output maximum dynamic VOL VOLP CL = 50 pF 5.0 0.4 0.8 V Quiet output minimum dynamic VOL VOLV CL = 50 pF 5.0 −0.4 −0.8 V Minimum high level dynamic input voltage VIHD CL = 50 pF 5.0 ― 3.5 V Maximum low level dynamic input voltage VILD CL = 50 pF 5.0 ― 1.5 V |
유사한 부품 번호 - TC74VHC367FT |
|
유사한 설명 - TC74VHC367FT |