전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GB12232ANYBAMUB-V01 데이터시트(PDF) 18 Page - Jewel Hill Electronic

부품명 GB12232ANYBAMUB-V01
상세설명  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12232ANYBAMUB-V01 데이터시트(HTML) 18 Page - Jewel Hill Electronic

Back Button GB12232ANYBAMUB-V01 Datasheet HTML 14Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 15Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 16Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 17Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 18Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 19Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 20Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 21Page - Jewel Hill Electronic GB12232ANYBAMUB-V01 Datasheet HTML 22Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GB12232A
VER: 4.0
- 17 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
10. PRECAUTIONS FOR USING LCD MODULES
10.1. HANDLING PRECAUTIONS
(1) The display panel is made of glass. Do not subject it to a mechanical shock or impact by
dropping it.
(2) If the display panel is damaged and the liquid crystal substance leaks out, be sure not to get
any in your mouth. If the substance contacts your skin or clothes, wash it off using soap and
water.
(3) Do not apply excessive force to the display surface or the adjoining areas since this may cause
the color tone to vary.
(4) The polarizer covering the display surface of the LCD module is soft and easily scratched.
Handle this polarizer carefully.
(5) If the display surface becomes contaminated, breathe on the surface and gently wipe it with a
soft dry cloth. If it is heavily contaminated, moisten a cloth with one of the following solvents:
- Isopropyl alcohol
- Ethyl alcohol
(6) Solvents other than those above mentioned may damage the polarizer.
Especially, do not use the following:
- Water
- Ketone
- Aromatic solvents
(7) Extra care to minimize corrosion of the electrode. Water droplets, moisture condensation or a
current flow in a high-humidity environment accelerates corrosion of the electrode.
(8) Install the LCD Module by using the mounting holes. When mounting the LCD Module, make
sure it is free of twisting, warping and distortion. In particular, do not forcibly pull or bend the
I/O cable or the backlight cable.
(9) Do not attempt to disassemble or process the LCD Module.
(10) NC terminal should be open. Do not connect anything.
(11) If the logic circuit power is off, do not apply the input signals.
(12) To prevent destruction of the elements by static electricity, be careful to maintain an optimum
work environment.
- Be sure to ground the body when handling he LCD Module.
- Tools required for assembling, such as soldering irons, must be properly grounded.
-To reduce the amount of static electricity generated, do not conduct assembling and other
work under dry conditions.


유사한 부품 번호 - GB12232ANYBAMUB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB12232B JHE-GB12232B Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDA-V01 JHE-GB12232BHGAAMDA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDB-V01 JHE-GB12232BHGAAMDB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLA-V01 JHE-GB12232BHGAAMLA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLB-V01 JHE-GB12232BHGAAMLB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

유사한 설명 - GB12232ANYBAMUB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com