전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GB12232ASGABMUB-V01 데이터시트(Datasheet) 21 Page - Jewel Hill Electronic

부품명 GB12232ASGABMUB-V01
상세내용  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo 

 
 21 page
background image
GB12232A
VER: 4.0
- 20 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
11.3 ELECTRO-STATIC DISCHARGE CONTROL
Since this module uses a CMOS LSI, the same careful attention should be paid for electrostatic
discharge as for an ordinary CMOS IC.
(1) Make certain that you are grounded when handing LCM.
(2) Before removing LCM from its packing case or incorporating it into a set, be sure the module
and your body have the same electric potential.
(3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron
does not leak.
(4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground
potentiality to minimize as much as possible any transmission of electromagnetic waves
produced sparks coming from the commutator of the motor.
(5) As far as possible, make the electric potential of your work clothes and that of the
workbenches to the ground potential.
(6) To reduce the generation of electro-static discharge, be careful that the air in the work is not
too dried. A relative humidity of 50%-60% is recommended.
11.4 PRECAUTIONS FOR OPERATION
(1) Viewing angle varies with the change of liquid crystal driving voltage (Vo). Adjust Vo to
show the best contrast.
(2) Driving the LCD in the voltage above the limit will shorten its lifetime.
(3) Response time is greatly delayed at temperature below the operating temperature range.
However, this does not mean the LCD will be out of the order. It will recover when it returns
to the specified temperature range.
(4) If the display area is pushed hard during operation, the display will become abnormal.
However, it will return to normal if it is turned off and then on.
(5) Condensation on terminals can cause an electrochemical reaction disrupting the terminal
circuit. Therefore, this product must be used and stored within the specified condition of
23±5°C, 45±20%RH.
(6) When turning the power on, input each signal after the positive/negative voltage becomes stable.
11.5 SAFETY
(1) It is recommended to crush damaged or unnecessary LCDs into pieces and wash them off
with solvents such as acetone and ethanol, which should later be burned.
(2) If any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off
thoroughly with soap and water.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GB204ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
AG-16080ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GB204BSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB204CSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB082ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB402ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB082BSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB404ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB161ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB162ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl