전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GB12232ASGABMUB-V01 데이터시트(Datasheet) 13 Page - Jewel Hill Electronic

부품명 GB12232ASGABMUB-V01
상세내용  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo 

 13 page
background image
GB12232A
VER: 4.0
- 12 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
8. ELECTRO-OPTICAL CHARACTERISTICS
Item
Symbol
Condition
Temp
Min
Typ.
Max
Units
Note
0℃
5.4
5.7
6.0
25℃
5.2
5.5
5.8
LCD driving
voltage
VLCD
θ=ψ= 0
50℃
5.0
5.3
5.6
V
NOTE1
Rise Time (Tr)
---
---
--
Decay Time (Tf)
0℃
---
----
---
Rise Time (Tr)
---
225
340
Decay Time (Tf)
25℃
---
240
360
Rise Time (Tr)
---
---
--
Response Time
Decay Time (Tf)
θ=ψ= 0
50℃
---
---
--
msec
NOTE2
Contrast Ratio
Cr
θ=ψ= 0
25℃
5
10
---
---
NOTE4
Viewing Angle
Range
θ(ψ= 0
°)
(6”)
ψ= 90
°
(3”)
ψ=180
°
(12”)
ψ=270
°
(9”)
備註
θ(25℃)
CR
≥2
45
35
30
20
Deg
NOTE3
For panel only




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GB204ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
AG-16080ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GB204BSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB204CSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB082ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB402ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB082BSPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB404ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB161ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic
GB162ASPECIFICATIONS FOR LCD MODULE 1 2 3 4 5 MoreJewel Hill Electronic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl