전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GB12232ASGAAMDB-V01 데이터시트(PDF) 20 Page - Jewel Hill Electronic

부품명 GB12232ASGAAMDB-V01
상세설명  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12232ASGAAMDB-V01 데이터시트(HTML) 20 Page - Jewel Hill Electronic

Back Button GB12232ASGAAMDB-V01 Datasheet HTML 15Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 16Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 17Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 18Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 19Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 20Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 21Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 22Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 23Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
GB12232A
VER: 4.0
- 19 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
11. Using LCD modules
11.1 LIQUID CRYSTAL DISPLAY MODULES
LCD is composed of glass and polarizer. Pay attention to the following items when handling.
(1) Please keep the temperature within specified range for use and storage. Polarization
degradation, bubble generation or polarizer peel-off may occur with high temperature and high
humidity.
(2) Do not touch, push or rub the exposed polarizers with anything harder than a HB pencil lead
(glass, tweezers, etc).
(3) N-hexane is recommended
for cleaning the adhesives used to attach front/rear polarizers and
reflectors made of organic substances, which will be damaged by chemicals such as acetone,
toluene, toluene, ethanol and isopropyl alcohol.
(4) When the display surface becomes dusty, wipe gently with absorbent cotton or other soft
material like chamois soaked in petroleum ether. Do not scrub hard to avoid damaging the
display surface.
(5) Wipe off saliva or water drops immediately, contact with water over a long period of time may
cause deformation or color fading.
(6) Avoid contacting oil and fats.
(7) Condensation on the surface and contact with terminals due to cold will damage, stain or
polarizers. After products are tested at low temperature they must be warmed up in a container
before coming is contacting with room temperature air.
(8) Do not put or attach anything on the display area to avoid leaving marks on.
(9) Do not touch the display with bare hands. This will stain the display area and degrade
insulation between terminals (some cosmetics are determinate to the polarizers).
(10)As glass is fragile, it tends to become or chipped during handling especially on the edges.
Please avoid dropping or jarring.
11.2
INSTALLING LCD MODULE
Attend to the following items when installing the LCM.
(1) Cover the surface with a transparent protective plate to protect the polarizer and LC cell.
(2) When assembling the LCM into other equipment, the spacer to the bit between the LCM and
the fitting plate should have enough height to avoid causing stress to the module surface, refer
to the individual specifications for measurements. The measurement tolerance should be
±0.1mm.


유사한 부품 번호 - GB12232ASGAAMDB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB12232B JHE-GB12232B Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDA-V01 JHE-GB12232BHGAAMDA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDB-V01 JHE-GB12232BHGAAMDB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLA-V01 JHE-GB12232BHGAAMLA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLB-V01 JHE-GB12232BHGAAMLB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

유사한 설명 - GB12232ASGAAMDB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com