전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GB12232ASGAAMDB-V01 데이터시트(PDF) 21 Page - Jewel Hill Electronic

부품명 GB12232ASGAAMDB-V01
상세설명  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12232ASGAAMDB-V01 데이터시트(HTML) 21 Page - Jewel Hill Electronic

Back Button GB12232ASGAAMDB-V01 Datasheet HTML 15Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 16Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 17Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 18Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 19Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 20Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 21Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 22Page - Jewel Hill Electronic GB12232ASGAAMDB-V01 Datasheet HTML 23Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
GB12232A
VER: 4.0
- 20 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
11.3 ELECTRO-STATIC DISCHARGE CONTROL
Since this module uses a CMOS LSI, the same careful attention should be paid for electrostatic
discharge as for an ordinary CMOS IC.
(1) Make certain that you are grounded when handing LCM.
(2) Before removing LCM from its packing case or incorporating it into a set, be sure the module
and your body have the same electric potential.
(3) When soldering the terminal of LCM, make certain the AC power source for the soldering iron
does not leak.
(4) When using an electric screwdriver to attach LCM, the screwdriver should be of ground
potentiality to minimize as much as possible any transmission of electromagnetic waves
produced sparks coming from the commutator of the motor.
(5) As far as possible, make the electric potential of your work clothes and that of the
workbenches to the ground potential.
(6) To reduce the generation of electro-static discharge, be careful that the air in the work is not
too dried. A relative humidity of 50%-60% is recommended.
11.4 PRECAUTIONS FOR OPERATION
(1) Viewing angle varies with the change of liquid crystal driving voltage (Vo). Adjust Vo to
show the best contrast.
(2) Driving the LCD in the voltage above the limit will shorten its lifetime.
(3) Response time is greatly delayed at temperature below the operating temperature range.
However, this does not mean the LCD will be out of the order. It will recover when it returns
to the specified temperature range.
(4) If the display area is pushed hard during operation, the display will become abnormal.
However, it will return to normal if it is turned off and then on.
(5) Condensation on terminals can cause an electrochemical reaction disrupting the terminal
circuit. Therefore, this product must be used and stored within the specified condition of
23±5°C, 45±20%RH.
(6) When turning the power on, input each signal after the positive/negative voltage becomes stable.
11.5 SAFETY
(1) It is recommended to crush damaged or unnecessary LCDs into pieces and wash them off
with solvents such as acetone and ethanol, which should later be burned.
(2) If any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off
thoroughly with soap and water.


유사한 부품 번호 - GB12232ASGAAMDB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB12232B JHE-GB12232B Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDA-V01 JHE-GB12232BHGAAMDA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMDB-V01 JHE-GB12232BHGAAMDB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLA-V01 JHE-GB12232BHGAAMLA-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12232BHGAAMLB-V01 JHE-GB12232BHGAAMLB-V01 Datasheet
354Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

유사한 설명 - GB12232ASGAAMDB-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com