전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC94A04AFG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC94A04AFG
상세설명  1 chip Audio Digital Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC94A04AFG Datasheet HTML 1Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 2Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 3Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 4Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 5Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 6Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 7Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 8Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TC94A04AFG/AFDG
2005-09-28
4
Pin Functions
Pin No.
TC94A
04AFG
TC94A
04AFDG
(Note 3)
Symbol
I/O
Function
Remarks
1
2
VDX
Power pin for oscillator circuit
2
3
XI
I
Crystal oscillator connecting or clock input pin
3
4
XO
O
Crystal oscillator connecting pin
4
5
GNDX
Ground pin for crystal oscillator circuit.
5
7
GNDA1
Analog ground pin for DAC-Lch
6
8
AI1
I
DAC-Lch attenuator input pin
7
9
AO1
O
DAC-Lch signal output terminal
8
11
AOT1
O
DAC-Lch attenuator output pin
9
13
VDA12
Analog power pin for DAC-L/Rch
10
14
AOT2
O
DAC-Rch attenuator output pin
11
15
AO2
O
DAC-Rch signal output pin
12
17
AI2
I
DAC-Rch attenuator input pin
13
18
GNDA2
Analog ground terminal for DAC-Rch
14
20
VRO1
O
Reference voltage output pin-1 for DAC
15
21
VRI
I
Reference voltage pin for DAC
16
23
VRO2
O
Reference voltage output pin-2 for DAC
17
24
GNDA3
Analog ground pin for DAC-Cch
18
25
AI3
I
DAC-Cch attenuator input pin
19
26
AO3
O
DAC-Cch signal input pin
20
27
AOT3
O
DAC-Cch attenuator output pin
21
28
VDA34
Analog power pin for DAC-C/Sch
22
30
AOT4
O
DAC-Sch signal output pin
23
32
AO4
O
DAC-Sch signal output pin
24
33
AI4
I
DAC-Sch attenuator input pin
25
35
GNDA4
Analog ground pin for DAC-Sch
26
37
VDDR
Power pin for delay RAM
27
38
GNDR
Ground pin for delay RAM
28
39
SYNC
I
Program SYNC signal input pin
Schmitt input,
TTL/CMOS
(Note 2)
29
40
ELRI/O
I/O
LR clock input/output pin for serial data (DIN/DOUT)
Schmitt input,
TTL/CMOS
(Note 2)
30
41
EBCI/O
I/O
Bit clock input/output pin for serial data (DIN/DOUT)
Schmitt input,
TTL/CMOS
(Note 2)
31
43
DIN2
I
Serial data input pin 2
Schmitt input,
TTL/CMOS
(Note 2)
Note 2: 28 to 33 pin (TC94A04AFG): Input level changes TTL/CMOS level by the command (42h: VS). Output is
fixed to CMOS level.
In case of TC94A04AFDG, pin number are 39 to 41 pins and 43 to 46 pins.
Note 3: In case of TC94A04AFDG, these are NC pins as below. Normally open, otherwise it connects to VDD or
GND. 6, 10, 12, 16, 19, 22, 29, 31, 34, 36, 42, 44, 47, 51, 56, 62 to 64, 73, 77 pins.


유사한 부품 번호 - TC94A04AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
More results

유사한 설명 - TC94A04AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com