전자부품 데이터시트 검색엔진 |
|
AME88412EHAZ 데이터시트(PDF) 7 Page - Analog Microelectronics |
|
AME88412EHAZ 데이터시트(HTML) 7 Page - Analog Microelectronics |
7 / 14 page AME, Inc. 7 AME8841 600mA CMOS LDO Parameter Symbol Min Typ Max Units Input Voltage VIN Note 1 7 V Output Voltage Accuracy VO -1.5 1.5 % 1.3V<=VO(NOM)<=1.4V 1900 1.4V<VO(NOM)<=2.0V 1400 2.0V<VO(NOM)<=2.8V 800 2.8V<VO(NOM) 600 Output Current IO 600 mA Current Limit ILIM 600 800 mA Short Circuit Current ISC 300 600 mA Quiescent Current IQ 30 50 µA Ground Pin Current IGND 30 50 µA 1.3V <= VO <= 1.4V -0.2 0.2 1.4V < VO <= 2.0V -0.15 0.15 2.0V < VO < 4.0V -0.1 0.02 0.1 VO >= 4.0V -0.4 0.2 0.4 Load Regulation REGLOAD -1 0.2 1 % Over Temperature Shutdown OTS 150 oC Over Temperature Hysterisis OTH 30 oC VO Temperature Coefficient TC 30 ppm/ oC f =100Hz 60 f =1kHz 50 f =10kHz 20 VEH 2.0 Vin V VEL 0 0.4 V IEH 0.1 µA IEL 0.5 µA Shutdown Supply Current ISD 0.5 1 µA mVrms Co=2.2 µF 30 IO=1mA mV % See chart REGLINE dB VO>1.2V VO>1.2V IO=1mA to 600mA Test Condition eN f=10Hz to 100kHz IO=10mA,CBYP=0µF Line Regulation VO<0.8V IO=0mA IO=1mA to 600mA IO=1mA VIN=VO+1 to VO+2 VEN=0V, VIN=2.7V to 7V VEN=VIN, VIN=2.7V to 7V VIN=2.7V to 7V VIN=2.7V to 7V Dropout Voltage VDROPOUT IO=600mA VO=VO(NOM) -2.0% VIN=5V, VO=0V, VEN<VEL PSRR EN Input Threshold Power Supply Rejection IO=100mA CO=2.2µF Output Voltage Noise EN Input Bias Current n Electrical Specifications TA = 25OC unless otherwise noted Note1: V IN(MIN)=VOUT+VDROPOUT Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before a current source load is applied. |
유사한 부품 번호 - AME88412EHAZ |
|
유사한 설명 - AME88412EHAZ |