전자부품 데이터시트 검색엔진 |
|
SN74ABT16245ADLRG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
SN74ABT16245ADLRG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 15 page www.ti.com Recommended Operating Conditions (1) SN54ABT16245A, SN74ABT16245A 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS300G – MARCH 1994 – REVISED JANUARY 2006 SN54ABT16245A SN74ABT16245A UNIT MIN MAX MIN MAX VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V IOH High-level output current –24 –32 mA IOL Low-level output current 48 64 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆V CC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 |
유사한 부품 번호 - SN74ABT16245ADLRG4 |
|
유사한 설명 - SN74ABT16245ADLRG4 |