전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4051BFT 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC4051BFT
상세설명  Multiplexer/Demultiplexe
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4051BFT 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC4051BFT Datasheet HTML 1Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 2Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 3Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 4Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 5Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 6Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 7Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 8Page - Toshiba Semiconductor TC4051BFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC4051,4052,4053BP/BF/BFN/BFT
2007-10-01
4
TC4053B
Truth Table
Control
C
Impedance between
IN-OUT
(Note)
H
L
0.5 to 5
× 102 Ω
>109 Ω
Note:
See electrical characteristics
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
DC supply voltage
VDD-VSS
−0.5 to 20
V
DC supply voltage
VDD-VEE
−0.5 to 20
V
Control input voltage
VCIN
VSS − 0.5 to VDD + 0.5
V
Switch I/O voltage
VI/VO
VEE − 0.5 to VDD + 0.5
V
Control input current
ICIN
±10
mA
Potential difference across I/O during
ON
VI-VO
−0.5 to 0.5
V
Power dissipation
PD
300 (DIP)/180 (SOIC)
mW
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
OUT
IN
c
14
2
A
5
B
INH
C
12
13
1
3
Z-COMMON
OUT
IN
c
OUT
IN
c
OUT
IN
c
OUT
IN
c
OUT
IN
c
OUT
IN
c
X-COMMON
0Y
0Z
0X
1X
1Y
1Z
4
11
10
9
6
7
VEE
8
VSS
16
VDD
Y-COMMON
15


유사한 부품 번호 - TC4051BFT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4051BFT TOSHIBA-TC4051BFT Datasheet
346Kb / 7P
   SINGLE 8-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TC4051BFT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
National Semiconductor ...
CD4051BM NSC-CD4051BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
TriQuint Semiconductor
TQ8213 TRIQUINT-TQ8213 Datasheet
240Kb / 23P
   Multiplexer
logo
Filtronic Compound Semi...
SA212-M1 FILTRONIC-SA212-M1 Datasheet
920Kb / 4P
   Switched Multiplexer
logo
PMC-Sierra, Inc
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
   M13 MULTIPLEXER
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
   Power Multiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com