전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9318AFBG 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC9318AFBG
상세설명  Single Chip DTS Microcontroller (DTS-21)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9318AFBG 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC9318AFBG Datasheet HTML 1Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 2Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 3Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 4Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 5Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 6Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 7Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 8Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TC9318AFAG/AFBG
2006-07-27
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC9318AFAG,TC9318AFBG
Single Chip DTS Microcontroller (DTS-21)
The TC9318AFAG and TC9318AFBG are a 4 bit CMOS
microcontroller for signal chip digital tuning systems. It is
capable of functioning at a low voltage of 3 V and features a
built-in prescaler of operating 230 MHz, PLL and LCD drivers.
The CPU has 4 bit parallel addition and subtraction
instructions (e.g., AI, SI), logic operation instructions (e.g., OR,
AN), composite judging and compare instructions (e.g., TM, SL),
and time-base functions.
The package is an pin 64, 0.5/0.65-mm-pitch quad flat pack
package. In addition to various input/output ports and a
dedicated key-input port, which are controlled by powerful
input/output instructions (IN 1, 2, OUT 1, 2), there are many
dedicated LCD pins, a buzzer port, a 6 bit A/D converter, an IF
counter, and other pins.
Low-voltage and low-current consumption make this
microcontroller suitable for portable DTS equipment.
Features
• 4 bit microcontroller for digital tuning systems.
• Operating voltage VDD = 1.8~3.6 V, with low current
consumption because of CMOS circuitry (with only CPU
operating, when VDD = 3 V, IDD = 80 µA max)
• Built-in prescaler (1/2 fixed divider +2 modulus prescaler:
fmax ≥ 230 MHz)
• Features built-in 1/3-duty, 1/2-bias LCD drivers and a built-in 3 V booster circuit for the display.
• Data memory (RAM) and ports are easily backed up.
• Program memory (ROM): 16 bit × 4096 steps
• Data memory (RAM): 4 bit × 256 words
• 60-instruction set (all one-word instructions)
• Instruction execution time: 40 µs (with 75 kHz crystal) (MVGS, DAL instructions: 80 µs)
• Many addition and subtraction instructions (12 types addition, 12 types subtraction)
• Powerful composite judging instructions (TMTR, TMFR, TMT, TMF, TMTN, TMFN)
• Data can be transmitted between addresses on the same row. (MVSR instruction)
• Register indirect transfer available (MVGD, MVGS instruction).
• 16 powerful general registers (located in RAM)
• Stack levels: 2
• JUMP or CAL instruction can be used anywhere in the 4096 steps of program memory (ROM) as there are no
pages or fields.
• 16 bit of any address in the 1024 steps in program memory (ROM) can be referenced (DAL instruction).
• Features independent frequency input pins (FMIN and AMIN) and two (DO1 and DO2) phase comparison
outputs for FM/VHF and AM.
• Seven reference frequencies can be selected by program.
• Powerful input/output instructions (IN 1, 2, OUT 1, 2)
• Dedicated input ports (K0~K3) for key input. 26 LCD drive pins (69 segments maximum) available.
• 17 I/O ports: 10 with input/output programmable in 1 bit units, and 7 output-only port. The 2 IFIN, and DO1
pins can be switched by instruction to IN (input-only) or OT (output-only).
• Three back-up modes available by instruction: Only CPU operation, crystal oscillation only, clock stop.
TC9318AFAG
TC9318AFBG
Weight
P-LQFP64-1010-0.50E: 0.32 g (typ.)
P-LQFP64-1212-0.65A: 0.45 g (typ.)


유사한 부품 번호 - TC9318AFBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FB TOSHIBA-TC9318FB Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FB-001 TOSHIBA-TC9318FB-001 Datasheet
195Kb / 4P
   DIGITAL TUNING SYSTEM
More results

유사한 설명 - TC9318AFBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com