전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9462F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC9462F
상세설명  Digital Servo Single Chip Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9462F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC9462F Datasheet HTML 1Page - Toshiba Semiconductor TC9462F Datasheet HTML 2Page - Toshiba Semiconductor TC9462F Datasheet HTML 3Page - Toshiba Semiconductor TC9462F Datasheet HTML 4Page - Toshiba Semiconductor TC9462F Datasheet HTML 5Page - Toshiba Semiconductor TC9462F Datasheet HTML 6Page - Toshiba Semiconductor TC9462F Datasheet HTML 7Page - Toshiba Semiconductor TC9462F Datasheet HTML 8Page - Toshiba Semiconductor TC9462F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TC9462F
2001-11-05
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC9462F
Digital Servo Single Chip Processor
The TC9462F is a single chip processor which incorporates the
following function: synchronous separation protection and
interpolation, EFM demodulation, Error correction,
microcontroller interface, digital equalizer for use in servo LSI
and servo control circuit.
In addition, the TC9462F incorporates a 1 bit DA converter. In
combination with the head amplifier TA2109F, TA2153FN for
digital servo, the TC9462F allow simplified, adjustment-free
structuring of CD player system.
Features
· Capable of decode the text data.
· Sync pattern detection, sync signal protection and synchronization can be made correctly.
· Built in EFM demodulation circuit, subcode demodulation circuit.
· Capable of correcting dual C1 correction and quadruple C2 correction using the CIRC correction theoretical
format.
· The TC9462F respond to variable playback system.
· Jitter absorbing capacity of ±6 frames.
· Built in 16 KB RAM.
· Built in digital out circuit.
· Built in L/R independent digital attenuator.
· Audio output responds to bilingual function.
· Reed timing free subcode Q data and capable of synchronous output with audio data.
· Built in data slicer and analog PLL (free-adjustment VCO).
· Capable of automatic adjustment function of focus servo and tracking servo, for loop gain, offset and balance.
· Built in RF gain automatic adjustment circuit.
· Built in digital equalizer for phase compensation.
· Built in RAM for digital equalizer for coefficient, and capable of variable pickup.
· Built in focus, tracking servo control circuit.
· Search control corresponds to every mode and can realize high speed and stable search.
· Lens-kick are using speed controlled form.
· Built in AFC circuit and APC circuit for CLV servo of disc motor.
· Built in anti-defect and anti-shock circuit.
· Built in 8 times oversampling digital filter and 1 bit DA converter.
· Built in analog filter for 1 bit DA converter.
· Built in zero data detect output circuit.
· The TC9462F capable of 4 times speed operation.
· Built in microcontroller interface circuit.
· CMOS silicon structure and high speed, low power consumption.
· 100 pin flat package.
Weight: 1.6 g (typ.)


유사한 부품 번호 - TC9462F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
More results

유사한 설명 - TC9462F

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC94A14F TOSHIBA-TC94A14F Datasheet
207Kb / 17P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TC9495F TOSHIBA-TC9495F Datasheet
235Kb / 17P
   Digital Servo Single Chip Processor Built in 1 Bit DA Converter
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com