전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD62064AFG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TD62064AFG
상세설명  4ch High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064AFG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TD62064AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TD62064APG/AFG
2007-10-16
4
Test Circuit
1. ICEX
2. VCE (sat), hFE
3. VIN (ON)
4. IR
5. VF
6. CIN
7. tON, tOFF
Note 1: Pulse Width 50
μs, Duty Cycle 10%
Output Impedance 50
Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: CL includes probe and jig capacitance
ICEX
Open
Open
VCE
VCE, VCE (sat)
Open
IIN
IOUT
Open
VIN (ON)
VCE
IOUT
Open
Open
IR
VR
Open
Open
IF
VF
Capacitance
bridge
fi
Open
Open
VIN
LO
Input
CL = 15 pF
(Note 2)
(Note 1)
Open
VOUT
Output
VIN
Pulse
generator
RL
10%
10%
50%
tON
tOFF
tf
tr
VIH = 2.4 V
0
VOH
VOL
Input
50%
90%
90%
50
μs
Output
50%
50%
(Note 1)


유사한 부품 번호 - TD62064AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62064AF TOSHIBA-TD62064AF Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064AF TOSHIBA-TD62064AF Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results

유사한 설명 - TD62064AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com