전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD62930FG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TD62930FG
상세설명  THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62930FG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TD62930FG Datasheet HTML 1Page - Toshiba Semiconductor TD62930FG Datasheet HTML 2Page - Toshiba Semiconductor TD62930FG Datasheet HTML 3Page - Toshiba Semiconductor TD62930FG Datasheet HTML 4Page - Toshiba Semiconductor TD62930FG Datasheet HTML 5Page - Toshiba Semiconductor TD62930FG Datasheet HTML 6Page - Toshiba Semiconductor TD62930FG Datasheet HTML 7Page - Toshiba Semiconductor TD62930FG Datasheet HTML 8Page - Toshiba Semiconductor TD62930FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TD62930PG/FG
2006-06-14
4
Electrical Characteristics (Unless otherwise specified, Ta = −20 to 70°C)
CHARACTERISTIC
PIN
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
High level
IIH
VCC = 15 V, VIN = 5 V
0.1
0.2
0.4
Input Current
Low level
IN1~3
IIL
VCC = 15 V, VIN = 0 V
0
mA
High level
OUT−H1~3
VOH
VCC = 15 V, VIH = 5 V,
RLH = 100 Ω
VCC
−4.0
VCC
−1.9
VCC
−1.0
Output
Voltage
Low level
OUT−L1~3
VOL
VCC = 15 V, VIL = 0 V,
RLL = 100 Ω
0.3
0.5
2.5
V
VDD = 5.5 V, VIH = 0 V,
Ta = 25°C
1.5
3.0
IDDL
VDD = 5.5 V, VIH = 0 V,
Ta = −20~85°C
3.5
VDD = 5.5 V, VIH = 5 V,
Ta = 25°C
1.8
3.5
Dissipation Current 1
VDD
IDDH
VDD = 5.5 V, VIH = 5 V,
Ta = −20~85°C
4.0
mA
VCC = 30 V, VDD = 5.5 V,
VIH = 0 V, Ta = 25°C
10.2
15.0
ICCL
VCC = 30 V, VDD = 5.5 V,
VIH = 0 V
18.0
VCC = 30 V, VDD = 5.5 V,
VIH = 5 V, Ta = 25°C
7.5
11.0
Dissipation Current 2
VCC
ICCH
VCC = 30 V, VDD = 5.5 V,
VIH = 5 V
14.0
mA
Operating Power Supply Voltage
VCC
VCCopr
10
30
V
Switching Characteristics (Unless otherwise specified, Ta = −20~70°C)
CHARACTERISTIC
PIN
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
High level
OUT−H1~3
tPLH
VDD = 5.0 V, VCC = 15 V
RLH = RLL = 100 Ω,
VIN = 0.7 to 4 V
0.25
1.00
Output
Propagation
Delay Time
Low level
OUT−L1~3
tPHL
VDD = 5.0 V, VCC = 15 V
RLH = RLL = 100 Ω,
VIN = 4 to 0.7 V
0.25
1.00
µs


유사한 부품 번호 - TD62930FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62930F TOSHIBA-TD62930F Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
TD62930F TOSHIBA-TD62930F Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results

유사한 설명 - TD62930FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930P TOSHIBA-TD62930P Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
logo
Rohm
BD6563FV-LB ROHM-BD6563FV-LB Datasheet
416Kb / 19P
   Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP_06 Datasheet
389Kb / 22P
   Three−Phase All wave Driver IC
logo
Rohm
BD6562FV-LB ROHM-BD6562FV-LB Datasheet
581Kb / 19P
   Two-Channel/Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Texas Instruments
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
GT25G101 TOSHIBA-GT25G101_06 Datasheet
316Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
GT25G101SM TOSHIBA-GT25G101SM_06 Datasheet
293Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com