전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1203A 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1203A
상세설명  150 MHz RGB Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203A 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  LM1203A Datasheet HTML 1Page - National Semiconductor (TI) LM1203A Datasheet HTML 2Page - National Semiconductor (TI) LM1203A Datasheet HTML 3Page - National Semiconductor (TI) LM1203A Datasheet HTML 4Page - National Semiconductor (TI) LM1203A Datasheet HTML 5Page - National Semiconductor (TI) LM1203A Datasheet HTML 6Page - National Semiconductor (TI) LM1203A Datasheet HTML 7Page - National Semiconductor (TI) LM1203A Datasheet HTML 8Page - National Semiconductor (TI) LM1203A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
Pins 1 13 23 28 (Note 3)
135V
Peak Video Output Source Current
(Any One Amp) Pins 16 20 or 25
28 mA
Voltage at Any Input Pin (VIN)VCC t VIN t GND
Power Dissipation (PD) (Above 25 C derate
based on iJA and TJ)
25W
Thermal Resistance (iJA)50 CW
Junction Temperature (TJ)
150 C
ESD Susceptibility (Note 4)
2 kV
Storage Temperature
b
65 Cto150 C
Lead Temperature (Soldering 10 sec)
265 C
Operating Ratings (Note 2)
Temperature Range
b
20 Cto a80 C
Supply Voltage (VCC)
108V s VCC s 132V
DC Electrical Characteristics See Test Circuit(Figure 2) TA e 25 C VCC1 e VCC2 e 12V S17 21 26
Open V12 e 6V V14 e 0V V15 e 20V unless otherwise stated
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 5)
(Note 6)
IS
Supply Current
VCC1 a VCC2 RL e % (Note 7)
70
95
mA (max)
V11
Video Input Reference Voltage
28
25
V (min)
31
V (max)
IB
Video Input Bias Current
Any One Amplifier
7
20
m
A (max)
V14L
Clamp Gate Low Input Voltage
Clamp Comparators On
12
08
V (max)
V14H
Clamp Gate High Input Voltage
Clamp Comparators Off
16
20
V (min)
I14L
Clamp Gate Low Input Current
V14 e 0V
b
1
b
50
m
A (max)
I14H
Clamp Gate High Input Current
V14 e 12V
007
02
m
A (max)
ICLAMPa
Clamp Cap Charge Current
V5 8 or 10 e 0V
750
500
m
A (min)
ICLAMPb
Clamp Cap Discharge Current
V5 8 or 10 e 5V
b
750
b
500
m
A (min)
VOL
Video Output Low Voltage
V5 8 or 10 e 0V
015
05
V (max)
VOH
Video Output High Voltage
V5 8 or 10 e 5V
75
7
V (min)
D
VO(2V)
Video Output Offset Voltage
Between Any Two
2
g
25
mV (max)
Amplifiers V15 e 2V
D
VO(4V)
Video Output Offset Voltage
Between Any Two
2
g
25
mV (max)
Amplifiers V15 e 4V
http
www nationalcom
2


유사한 부품 번호 - LM1203A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
More results

유사한 설명 - LM1203A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com