전자부품 데이터시트 검색엔진 |
|
SST29EE010-150-4I-N 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc |
|
SST29EE010-150-4I-N 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc |
8 / 27 page 8 © 1998 Silicon Storage Technology, Inc. 304-04 12/97 1 Megabit Page Mode EEPROM SST29EE010, SST29LE010, SST29VE010 TABLE 5: 29EE010 DC OPERATING CHARACTERISTICS VCC = 5V±10% Limits Symbol Parameter Min Max Units Test Conditions ICC Power Supply Current CE#=OE#=VIL,WE#=VIH , all I/Os open, Read 30 mA Address input = VIL/VIH, at f=1/TRC Min., VCC=VCC Max Write 50 mA CE#=WE#=VIL, OE#=VIH, VCC =VCC Max. ISB1 Standby VCC Current 3 mA CE#=OE#=WE#=VIH, VCC =VCC Max. (TTL input) ISB2 Standby VCC Current 50 µA CE#=OE#=WE#=VCC -0.3V. (CMOS input) VCC = VCC Max. ILI Input Leakage Current 1 µA VIN =GND to VCC, VCC = VCC Max. ILO Output Leakage Current 10 µA VOUT =GND to VCC, VCC = VCC Max. VIL Input Low Voltage 0.8 V VCC = VCC Max. VIH Input High Voltage 2.0 V VCC = VCC Max. VOL Output Low Voltage 0.4 V IOL = 2.1 mA, VCC = VCC Min. VOH Output High Voltage 2.4 V IOH = -400µA, VCC = VCC Min. VH Supervoltage for A9 11.6 12.4 V CE# = OE# =VIL, WE# = VIH IH Supervoltage Current 100 µA CE# = OE# = VIL, WE# = VIH, for A9 A9 = VH Max. 304 PGM T5.0 TABLE 6: 29LE010/29VE010 DC OPERATING CHARACTERISTICS VCC = 3.0-3.6 FOR 29LE010, VCC = 2.7-3.6 FOR 29VE010 Limits Symbol Parameter Min Max Units Test Conditions ICC Power Supply Current CE#=OE#=VIL,WE#=VIH , all I/Os open, Read 12 mA Address input = VIL/VIH, at f=1/TRC Min., VCC=VCC Max Write 15 mA CE#=WE#=VIL, OE#=VIH, VCC =VCC Max. ISB1 Standby VCC Current 1 mA CE#=OE#=WE#=VIH, VCC =VCC Max. (TTL input) ISB2 Standby VCC Current 15 µA CE#=OE#=WE#=VCC -0.3V. (CMOS input) VCC = VCC Max. ILI Input Leakage Current 1 µA VIN =GND to VCC, VCC = VCC Max. ILO Output Leakage Current 10 µA VOUT =GND to VCC, VCC = VCC Max. VIL Input Low Voltage 0.8 V VCC = VCC Max. VIH Input High Voltage 2.0 V VCC = VCC Max. VOL Output Low Voltage 0.4 V IOL = 100 µA, VCC = VCC Min. VOH Output High Voltage 2.4 V IOH = -100 µA, VCC = VCC Min. VH Supervoltage for A9 11.6 12.4 V CE# = OE# =VIL, WE# = VIH IH Supervoltage Current 100 µA CE# = OE# = VIL, WE# = VIH, for A9 A9 = VH Max. 304 PGM T6.0 |
유사한 부품 번호 - SST29EE010-150-4I-N |
|
유사한 설명 - SST29EE010-150-4I-N |