전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA5050RSARG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA5050RSARG4
상세설명  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA5050RSARG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA5050RSARG4 Datasheet HTML 4Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 5Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 6Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 7Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 8Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 9Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 10Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 11Page - Texas Instruments TPA5050RSARG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
SINGLE-BYTE WRITE
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0 ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
MULTIPLE-BYTE WRITE AND INCREMENTAL MULTIPLE-BYTE WRITE
Register
SINGLE-BYTE READ
TPA5050
SLOS492B – MAY 2006 – REVISED MAY 2007
The TPA5050 supports sequential I2C addressing. For write transactions, if a register is issued followed by data
for that register and all the remaining registers that follow, a sequential I2C write transaction has taken place. For
I2C sequential write transactions, the register issued then serves as the starting point, and the amount of data
subsequently transmitted, before a stop or start is transmitted, determines to how many registers are written.
As shown is Figure 6, a single-byte data write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a write data transfer, the read/write bit must be set to 0. After receiving the correct I2C
device address and the read/write bit, the TPA5050 responds with an acknowledge bit. Next, the master
transmits the register byte corresponding to the TPA5050 internal memory address being accessed. After
receiving the register byte, the TPA5050 again responds with an acknowledge bit. Next, the master device
transmits the data byte to be written to the memory address being accessed. After receiving the data byte, the
TPA5050 again responds with an acknowledge bit. Finally, the master device transmits a stop condition to
complete the single-byte data write transfer.
Figure 6. Single-Byte Write Transfer
A multiple-byte data write transfer is identical to a single-byte data write transfer except that multiple data bytes
are transmitted by the master device to the TPA5050 as shown in Figure 7. After receiving each data byte, the
TPA5050 responds with an acknowledge bit.
Figure 7. Multiple-Byte Write Transfer
As shown in Figure 8, a single-byte data read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte of the internal memory
address to be read. As a result, the read/write bit is set to a 0.
After receiving the TPA5050 address and the read/write bit, the TPA5050 responds with an acknowledge bit.
The master then sends the internal memory address byte, after which the TPA5050 issues an acknowledge bit.
The master device transmits another start condition followed by the TPA5050 address and the read/write bit
again. This time the read/write bit is set to 1, indicating a read transfer. Next, the TPA5050 transmits the data
byte from the memory address being read. After receiving the data byte, the master device transmits a
not-acknowledge followed by a stop condition to complete the single-byte data read transfer.
8
Submit Documentation Feedback


유사한 부품 번호 - TPA5050RSARG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

유사한 설명 - TPA5050RSARG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21