전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX96629 데이터시트(PDF) 2 Page - Synaptics Incorporated.

부품명 CX96629
상세설명  Integrated VDSL2 CPE Gateway Chipsets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX96629 데이터시트(HTML) 2 Page - Synaptics Incorporated.

  CX96629 Datasheet HTML 1Page - Synaptics Incorporated. CX96629 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2007,ConexantSystems,Inc.AllRightsReserved.ConexantandtheConexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS mATeriAl iS ProviDeD AS iS AND wiThouT
ANy eXPreSS or imPlieD wArrANTieS, iNCluDiNg merChANTABiliTy, fiTNeSS for A
PArTiCulAr PurPoSe AND NoN-iNfriNgemeNT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: (732) 345-7500
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Broadband Access – Client Side
DSL Solutions
07-2707
Product Features
• Support for VDSL2 (G.993.2) with ADSL/ADSL2/ADSL2plus fallback
(G.992.1, G.992.2, T1.413, G992.3, G.992.5)
• Integrated, field-proven xDSL DSP core architecture delivering profiles
8x, 12x, 17a, 30, long reach and VDLS2 pair bonding
• 16/32-bit DDR-1 interface
• Integrated 10/100/1000 Ethernet gigabit MAC with GMII, MII and
TBI interfaces
• Integrated 10/100 Ethernet MAC with MII interface
• Integrated PCI interface with 32-bit x 33 MHz
• USB 2.0 interface via ULPI with host and device mode capability
• External Parallel Bus (EPB) provides support for NAND flash devices
along with host interface mode for external host control
• Support for parallel flash and serial flash
• Integrated Voice DSP engine supports up to two VoIP channels with HW
echo cancellation
• PCM interface to external Conexant’s single- or dual-channel industry
standard SLIC/Codec integrated devices (CX20560 & CX20559) or
industry standard SLIC/codec devices
• Interface to lifeline backup using Conexant’s cost effective SmartDAA
FXO technology
• Optimized power management with support for dying gasp
• Support for DSLHome™ including TR-064, TR-068, TR-069, TR-098, TR-104,
TR-106, TR-110, TR-111, TR-124, TR-133
• HW VPN Engine supporting DES, 3DES, AES, SHA-1, SHA-256 and MD5
operations
• Memory and feature optimized binary and source software releases
for targeted deployments
• Stateful Packet Inspection (SPI) firewall and Network Address Translation
(NAT) security solution
• ATM SAR engine supporting Unspecified Bit Rate (UBR), Constant Bit
Rate (CBR) and other service classes
• Common customer development environment and tools across ADSL
to VDSL2 products
Applications
• VDSL2 17 MHz or 30 MHz bridges
• VDSL2 17MHz or 30 MHz gateways
• Wireless VDSL2 17 MHz or 30 MHz gateways
• VDSL2 17 MHz or 30 MHz voice gateways
• VDSL2 12 MHz pair bonded voice gateway
Doc# PBR-201091
Conexant Product Portfolio
Thecompany’sbroadportfolioofsemiconductorproductsalsoincludesclient-sideDSL,cable,anddial-upmodemsolutions;fiberopticsystem-on-
chips;broadcastvideoencodersanddecoders;anddigitalset-topboxcomponentsandsystemssolutions.Additionalproductsincludeacompleteline
of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video
over copper telephone lines.
Chipset
Profile 30a
Profile 17a
Profile 12x
Profile 8x
Voice
Gateway
Bonding
CX96629
X
X
X
X
X
CX96429
X
X
X
X
X
X
CX96420
X
X
X
X
X


유사한 부품 번호 - CX96629

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX9 STATEK-CX9 Datasheet
182Kb / 2P
   Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX9 EUROQUARTZ-CX9 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX9-AT IQD-CX9-AT Datasheet
150Kb / 2P
   Quartz Crystal Specification
logo
Beckhoff Automation Gmb...
CX9020 BECKHOFF-CX9020 Datasheet
174Kb / 4P
   Basic CPU module
CX9020-0100 BECKHOFF-CX9020-0100 Datasheet
174Kb / 4P
   Basic CPU module
More results

유사한 설명 - CX96629

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Bothhand USA, LP.
VD-7089A BOTHHAND-VD-7089A Datasheet
100Kb / 1P
   INTEGRATED CPE SIDE HYBRID FILTER
VD-7089M BOTHHAND-VD-7089M Datasheet
94Kb / 1P
   INTEGRATED CPE SIDE HYBRID FILTER
VD-7016K BOTHHAND-VD-7016K Datasheet
99Kb / 1P
   INTEGRATED CPE SIDE HYBRID FILTER
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
   Integrated Multi-Port PCI Gateway Solution
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
   CENTAUR Integrated Multi-Port Gateway Solutions
logo
Pulse A Technitrol Comp...
T699 PULSE-T699 Datasheet
510Kb / 2P
   VDSL/VDSL2 Transformer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com