전자부품 데이터시트 검색엔진 |
|
CX24163 데이터시트(PDF) 2 Page - Synaptics Incorporated. |
|
CX24163 데이터시트(HTML) 2 Page - Synaptics Incorporated. |
2 / 4 page © 2005, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are registered trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. ThiS maTerial iS ProviDeD aS iS aND wiThouT aNy exPreSS or imPlieD warraNTieS, iNcluDiNg merchaNTaBiliTy, fiTNeSS for a ParTicular PurPoSe aND NoN-iNfriNgemeNT. Conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. www.conexant.com General Information: U.S. and Canada: (888) 855-4562 International: (732) 345-7500 Headquarters 4000 MacArthur Blvd. Newport Beach, CA 92660 Set-top Box Solutions Satellite 05-1813 Order# 102504B CX2416x Product Features • High-performance 32-bit ARM920 CPU with Linux/WinCE compatible MMU • High-performance 16/32-bit DDR-SDRAM memory controller • Dual MPEG-2 MP@ML video decoders • Multi-format audio decoders supporting MPEG-1, MPEG-2, and Dolby Digital (AC-3) • Three multi-standard dual-stream transport processors with DVB, DES, AES, and Multi-II descrambling • MPEG picture and still-plane upscaling and downscaling • Dual multiplane video/graphics image compositing with color key or 256-level alpha blending • Advanced 2D graphics rendering engine for alphablt, bitblt, textblt, line draw, and color expansion acceleration • Video-picture-in-graphics with flexible picture size and aspect ratio • Flicker filtering, aspect ratio conversion, and hardware cursor • 4/8/16-bit ARGB/A YCrCb graphics • Dual NTSC/PAL/SECAM TV encoders with seven 10-bit video DACs • Integrated NTSC channel 3/4 RF modulator and BTSC stereo encoder • NDS XTV and RASP PVR support • 3DES and 128 bit AES ciphering for up to three transport streams simultaneously • Parallel- and serial-ATA interfaces for HDD attach • 32-bit, 33 MHz PCI controller • Dual USB2.0 host controllers • Advanced security features, including secure boot software authentication and IC personalization via OTP memory • NDS VideoGuard® conditional access hardware support • Integrated DIRECTV® security • High-speed UART with HomePlug support • Three Smart Card ports • CCIR656 digital video input and output ports • I2S input and output ports • OpenCable CableCard™ interface • DVB-CI support • Two UHF remote inputs • Infrared (IR) input/output • Macrovision® 7.X copy protection |
유사한 부품 번호 - CX24163 |
|
유사한 설명 - CX24163 |