전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE010-250-3I-W 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SST29EE010-250-3I-W
상세설명  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-250-3I-W 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST29EE010-250-3I-W Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010-250-3I-W Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
TABLE 3: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Page Write
VIL
VIH
VIL
DIN
AIN
Standby
VIH
X
X
High Z
X
Write Inhibit
X
VIL
X
High Z/ DOUT
X
Write Inhibit
X
X
VIH
High Z/ DOUT
X
Software Chip Erase
VIL
VIH
VIL
DIN
AIN, See Table 4
Product Identification
Hardware Mode
VIL
VIL
VIH
Manufacturer Code (BF)
A16 - A1 = VIL, A9 = VH, A0 = VIL
Device Code (see notes)
A16 - A1 = VIL, A9 = VH, A0= VIH
Software Mode
VIL
VIH
VIL
See Table 4
SDP Enable Mode
VIL
VIH
VIL
See Table 4
SDP Disable Mode
VIL
VIH
VIL
See Table 4
304 PGM T3.0
TABLE 4: SOFTWARE COMMAND CODES
Command
1st Bus
2nd Bus
3rd Bus
4th Bus
5th Bus
6th Bus
Sequence
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Write Cycle
Addr(1) Data
Addr(1)
Data
Addr(1)
Data
Addr(1)
Data
Addr(1)
Data
Addr(1) Data
Software Data
5555H
AAH
2AAAH
55H
5555H
A0H
Addr(2)
Data
Protect Enable
& Page Write
Software Data
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
20H
Protect Disable
Software Chip
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Erase
Software ID Entry
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit
5555H
AAH
2AAAH
55H
5555H
F0H
Alternate Software 5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
60H
ID Entry(3)
Notes:
(1) Address format A14-A0 (Hex), Addresses A15 and A16 are a “Don’t Care”.
(2) Page Write consists of loading up to 128 bytes (A6 - A0).
(3) Alternate 6 byte software Product-ID Command Code
(4) The software chip erase function is not supported by the industrial temperature part.
Please contact SST, if you require this function for an industrial temperature part.
Notes for Software Product ID Command Code:
1. With A14 -A1 =0; SST Manufacturer Code = BFH, is read with A0 = 0,
29EE010 Device Code = 07H, is read with A0 = 1.
29LE010/29VE010 Device Code = 08H, is read with A0 = 1.
2. The device does not remain in Software Product ID Mode if powered down.
304 PGM T4.1


유사한 부품 번호 - SST29EE010-250-3I-W

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010-250-4C-EH SST-SST29EE010-250-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010-250-4C-EH SST-SST29EE010-250-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-250-4C-NH SST-SST29EE010-250-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010-250-4C-NH SST-SST29EE010-250-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE010-250-4C-PH SST-SST29EE010-250-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

유사한 설명 - SST29EE010-250-3I-W

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com