전자부품 데이터시트 검색엔진 |
|
SST29VE010-150-3I-W 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc |
|
SST29VE010-150-3I-W 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc |
9 / 27 page 9 © 1998 Silicon Storage Technology, Inc. 304-04 12/97 1 Megabit Page Mode EEPROM SST29EE010, SST29LE010, SST29VE010 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 TABLE 8: CAPACITANCE (Ta = 25 °C, f=1 MHz, other pins open) Parameter Description Test Condition Maximum CI/O(1) I/O Pin Capacitance VI/O = 0V 12 pF CIN(1) Input Capacitance VIN = 0V 6 pF Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 304 PGM T8.0 TABLE 9: RELIABILITY CHARACTERISTICS Symbol Parameter Minimum Specification Units Test Method NEND Endurance 10,000(2) Cycles MIL-STD-883, Method 1033 TDR(1) Data Retention 100 Years JEDEC Standard A103 VZAP_HBM(1) ESD Susceptibility 1000 Volts JEDEC Standard A114 Human Body Model VZAP_MM(1) ESD Susceptibility 200 Volts JEDEC Standard A115 Machine Model ILTH(1) Latch Up 100 mA JEDEC Standard 78 Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. (2)See Ordering Information for desired type. 304 PGM T9.1 TABLE 7: POWER-UP TIMINGS Symbol Parameter Maximum Units TPU-READ(1) Power-up to Read Operation 100 µs TPU-WRITE(1) Power-up to Write Operation 5 ms 304 PGM T7.0 |
유사한 부품 번호 - SST29VE010-150-3I-W |
|
유사한 설명 - SST29VE010-150-3I-W |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |