전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP112A 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP112A
상세설명  Photo−IC Digital Logic Isolation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112A 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP112A Datasheet HTML 1Page - Toshiba Semiconductor TLP112A Datasheet HTML 2Page - Toshiba Semiconductor TLP112A Datasheet HTML 3Page - Toshiba Semiconductor TLP112A Datasheet HTML 4Page - Toshiba Semiconductor TLP112A Datasheet HTML 5Page - Toshiba Semiconductor TLP112A Datasheet HTML 6Page - Toshiba Semiconductor TLP112A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP112A
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP112A
Digital Logic Isolation
Line Receiver
Power Supply Control Feedback Control
Switching Power Supply
Transistor Inverter
The TOSHIBA mini flat coupler TLP112A is a small outline coupler,
suitable for surface mount assembly.
TLP112A consists of a high output power GaAℓAs light emitting diode,
optically coupled to a high speed detector of one chip
photodiode−transistor.
Isolation voltage: 2500Vrms (min.)
Switching speed: tpHL=0.8μs, tpLH=0.8μs(max.)(RL=1.9kΩ)
TTL compatible
UL recognized: UL1577, file no. E67349
Pin Configuration(top view)
1: Anode
3: Cathode
4: Emitter (GND)
5: Collector (Output)
6: VCC
1
3
4
5
6
Schematic
VCC
GND
VO
ICC
IO 6
5
4
1
3
IF
VF
TOSHIBA
11−4C2
Weight: 0.09g
Unit in mm


유사한 부품 번호 - TLP112A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results

유사한 설명 - TLP112A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
   Digital Logic Isolation
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com