전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP130 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP130
상세설명  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP130_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP130
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±10mA
1.0
1.15
1.3
V
Capacitance
CT
V = 0, f = 1MHz
60
pF
Collector
−emitter
breakdown voltage
V(BR)CEO IC = 0.5mA
80
V
Emitter
−collector
breakdown voltage
V(BR)ECO IE = 0.1mA
7
V
Collector
−base breakdown voltage
V(BR)CBO IC = 0.1mA
80
V
Emitter
−base breakdown voltage
V(BR)EBO IE = 0.1mA
7
V
VCE = 48V
10
100
nA
Collector dark current
ICEO
VCE = 48V, Ta = 85°C
2
50
μA
Collector dark current
ICER
VCE = 48V, Ta = 85°C
RBE = 1MΩ
0.5
10
μA
Collector dark current
ICBO
VCB = 10V
0.1
nA
DC forward current gain
hFE
VCE = 5V, IC = 0.5mA
400
Capacitance collector to emitter
CCE
V = 0 , f = 1MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
600
Current transfer ratio
IC / IF
IF = ±5mA, VCE = 5V
Rank GB
100
600
%
60
Saturated CTR
IC / IF(sat)
IF = ±1mA, VCE = 0.4V
Rank GB
30
%
Base photo
−current
IPB
IF = ±5mA, VCB = 5V
10
μA
IC = 2.4mA, IF = ±8mA
0.4
0.2
Collector-emitter
saturation voltage
VCE(sat)
IC = 0.2mA, IF = ±1mA
Rank GB
0.4
V
Off
−state collector current
IC(off)
IF = ±0.7mA, VCE = 48V
1
10
μA
CTR symmetry
IC(ratio)
IC(IF = −5mA) / IC(IF = 5mA)
(Note 2)
0.33
3
(Note 2) IC(ratio) =
V)
CE
V
F1,
I
F
(I
C1
I
V)
CE
V
F2,
I
F
(I
C2
I
5
5
=
=
=
=
VCE
IC2
IC1
IF2
IF1


유사한 부품 번호 - TLP130_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

유사한 설명 - TLP130_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com