전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP172A 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TLP172A
상세설명  Photocoupler Photorelay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP172A 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TLP172A_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP172A_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP172A
2007-10-01
2
Absolute Maximum Rating (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta >= 25°C)
ΔIF/°C
−0.5
mA/°C
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Off-state output terminal
voltage
VOFF
60
V
On-state current
ION
400
mA
Forward current derating
(Ta >= 25°C)
ΔION/°C
−4.0
mA/°C
Detector
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to 125
°C
Operating temperature
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage
(AC, 1 min, R.H. <= 60%)
(Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: LED pins are shorted together. Detector pins are also shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
48
V
Forward current
IF
5
7.5
25
mA
On-state current
ION
400
mA
Operating temperature
Topr
−20
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-state current
IOFF
VOFF = 60 V
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
130
pF


유사한 부품 번호 - TLP172A_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP172AM TOSHIBA-TLP172AM Datasheet
132Kb / 6P
   Photocouplers Photorelay
More results

유사한 설명 - TLP172A_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com