전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP172A 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP172A
상세설명  Photocoupler Photorelay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP172A 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP172A Datasheet HTML 1Page - Toshiba Semiconductor TLP172A Datasheet HTML 2Page - Toshiba Semiconductor TLP172A Datasheet HTML 3Page - Toshiba Semiconductor TLP172A Datasheet HTML 4Page - Toshiba Semiconductor TLP172A Datasheet HTML 5Page - Toshiba Semiconductor TLP172A Datasheet HTML 6Page - Toshiba Semiconductor TLP172A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP172A
2007-10-01
5
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
−20
60
20
40
80
100
120
100
80
60
40
20
0
ION = 400 mA
IF = 5 mA
t
< 1 s
3
0
−20
0
20
40
80
100
60
1
2
4
5
0
−20
120
100
80
60
40
20
0
600
500
400
300
200
100
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
Ta
= 25°C
IF = 5 mA
−0.6
−0.4
−0.2
0
0.4
0.6
0.2
−600
−400
−200
0
200
400
600
ION = 400 mA
t
< 1 s
3
0
−20
0
20
40
80
100
60
1
2
4
5


유사한 부품 번호 - TLP172A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP172A TOSHIBA-TLP172A Datasheet
179Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP172AM TOSHIBA-TLP172AM Datasheet
132Kb / 6P
   Photocouplers Photorelay
More results

유사한 설명 - TLP172A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com