전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP176D 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP176D
상세설명  Photocoupler GaAs IRED & Photo-MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176D 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP176D_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP176D_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP176D_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP176D_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP176D_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP176D_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP176D
2007-10-01
4
60
100
0
−20
0
20
40
60
80
100
80
40
20
5
0
−40
−20
0
40
60
80
100
4
3
2
ION = 200 mA
t
< 1 s
1
20
−20
0
20
40
60
80
100
350
0
250
200
50
300
150
100
10
0
−20
0
20
40
60
80
100
8
4
2
ION = 200 mA
IF = 5 mA
t
< 1 s
6
IF – Ta
ION – Ta
Ambient temperature Ta (
°C)
Ambient temperature Ta (°C)
IF – VF
ION – VON
Forward voltage VF (V)
MOSFET ON-state voltage VON (V)
RON – Ta
IFT – Ta
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
100
0.1
0.6
0.3
30
10
3
1
0.8
1.0
1.4
1.6
1.8
1.2
Ta
= 25°C
−300
−1
−0.5
−200
0.5
1
−100
300
0
100
200
Ta
= 25°C
IF = 5 mA
0


유사한 부품 번호 - TLP176D_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
   THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
More results

유사한 설명 - TLP176D_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
   Photocoupler GaAs Ired & Photo−MOSFET
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
   TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
TLP785GB-S UMW-TLP785GB-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
logo
Toshiba Semiconductor
TLP3110 TOSHIBA-TLP3110 Datasheet
204Kb / 5P
   TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com