전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP176GA 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP176GA
상세설명  Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176GA 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP176GA_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP176GA
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP176GA
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP176GA consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a SOP,
which is suitable for surface mount assembly.
The TLP176GA is suitable for the modem applications which require
space savings.
• 4 pin SOP (2.54SOP4): 2.1 mm high, 2.54 mm pitch
• 1-form-A
• Peak off-state voltage: 400 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• BSI approved: BS EN60065:2002, certificate no.8753
BS EN60950-1:2002, certificate no.8754
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-5H1
Weight: 0.1 g (typ.)
1
2
4
3
1: ANODE
2: CATHODE
3: DRAIN
4: DRAIN


유사한 부품 번호 - TLP176GA_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results

유사한 설명 - TLP176GA_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
   Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com