전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2596CZ5 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2596CZ5
상세설명  3A / 150KHz Buck Dc-Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596CZ5 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2596CZ5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596CZ5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
5/8
Version: A07
Pin Function Description
Vcc
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be presented at
this pin to minimize voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground
SW Output
Internal switch. The voltage at this pin switches between (+Vcc – Vsat) and approximately – 0.5V, with a duty cycle of
approximately Vout / Vcc. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin
should be minimized.
Feedback
Sense the regulated output voltage to complete the feedback loop.
Enable
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply
current to approximately 100uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on,
and pulling this pin above 1.3V (up to a maximum of Vcc) shuts the regulator down. If this shutdown feature is not
needed, the EN pin can be wired to the ground pin.
Thermal Considerations
The TS2596 is available in two packages, a TO-220-5L and TO-263-5L.
The TO-220-5L package needs a heat sink under most conditions. The size of the heat sink depends on the input
voltage, the output voltage, the load current and the ambient temperature. The TS2596 junction temperature rises
above ambient temperature for a 3A load and different input and output voltages. The data for these curves was taken
with the TS2596 (TO-220-5L package) operating as a buck switching regulator in an ambient temperature of 25
o
C (still
air). These temperature rise numbers are all approximate and there are many factors that can affect these
temperatures. Higher ambient temperatures require more heat sinking.
The TO-263-5L surface mount package tab is designed to be soldered to the copper on a printed circuit board. The
copper and the board are the heat sink for this package and the other heat producing components, such as the catch
diode and inductor. The PC board copper area that the package is soldered to should be at least 0.8 in
2
, and ideally
should have 2 or more square inches of 2 oz. Additional copper area improves the thermal characteristics, but with
copper areas greater than approximately 6 in
2
, only small improvements in heat dissipation are realized. If further
thermal improvements are needed, double sided, multilayer PC board with large copper areas and/or airflow are
recommended.
The TS2596 (TO-263-5L package) junction temperature rise above ambient temperature with a 3A load for various
input and output voltages. This data was taken with the circuit operating as a buck switching regulator with all
components mounted on a PC board to simulate the junction temperature under actual operating conditions. This
curve can be used for a quick check for the approximate junction temperature for various conditions, but be aware that
there are many factors that can affect the junction temperature. When load currents higher than 3A are used, double
sided or multilayer PC boards with large copper areas and/or airflow might be needed, especially for high ambient
temperatures and high output voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be
used in the board layout. (Once exception to this is the output (switch) pin, which should not have large areas of
copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and
moving air lowers the thermal resistance even further.


유사한 부품 번호 - TS2596CZ5

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2596CZ5 TSC-TS2596CZ5 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ505 TSC-TS2596CZ505 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ53.3 TSC-TS2596CZ53.3 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ533 TSC-TS2596CZ533 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ533C0 TSC-TS2596CZ533C0 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
More results

유사한 설명 - TS2596CZ5

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com