전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS29150 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS29150
상세설명  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29150 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS29150_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS29150_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
2/11
Version: A07
Electrical Characteristics VIN=VOUT+1V, Venable=2.4V, IL=10mA, Co=10uF, Adjustable versions are
programmed to 5V output, TJ=25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
0.990|Vo|
1.010|Vo|
Output Voltage
10mA ≤ IL ≤ 1.5A,
Vo+1V ≤ VIN ≤ 26V
0.980|Vo|
VOUT
1.020|Vo|
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature Coefficient
--
20
100
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 26V
--
0.05
0.5
%
Load Regulation
10mA ≤ IL ≤ 1.5A
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=750mA
IL=1.5A
--
--
--
80
200
350
200
--
600
mV
Quiescent Current (Note 5)
IL=750mA
IL=1.5A
--
--
8
22
--
--
mA
Short Circuit Current (Note 6)
VOUT =0
--
2.1
3.5
A
Output Noise,
10Hz to 100KHz, IL=100mA
CL=2.2uF
CL=10uF
CL=33uF
--
--
--
600
400
260
--
--
--
uVrms
Reference (TS29152/TS29153)
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
10mA ≤ IL ≤ 1.5A,
2.3V ≤ VIN ≤ 26V
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
80
nA
Reference Voltage Temperature
Coefficient
(Note 7)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temperature
Coefficient
--
0.1
--
nA/
oC
Flag Output (TS29151/TS29153)
Output Leakage Current
VOH=26V
--
--
2
uA
Output Low Voltage
VIN =4.5V, IOL=250uA
--
--
300
mV
Upper Threshold Voltage
(Note 8)
40
60
--
mV
Lower Threshold Voltage
(Note 8)
--
75
95
mV
Hysteresis
(Note 8)
--
15
--
mV
Enable Input (TS29151 / TS29152)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.4
--
--
V
VEN =26V
--
--
750
Enable Pin Input Current
VEN =0.8V
--
--
5
uA
Regulator Output Current Shutdown
VEN ≤ 0.8V, VIN ≤ 26V,
VOUT =0
--
10
500
uA


유사한 부품 번호 - TS29150_07

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS29150CM ETC1-TS29150CM Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150CM TSC-TS29150CM Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150CZ ETC1-TS29150CZ Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150CZ TSC-TS29150CZ Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

유사한 설명 - TS29150_07

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150 TSC-TS39150_08 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com