전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7900 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS7900
상세설명  3-Terminal Fixed Negative Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7900 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS7900_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
3/11
Version: A07
TS7908 Electrical Characteristics
Vin= -14V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-7.69
-8
-8.32
Output voltage
Vout
-10.5V≤Vin≤-23V, 10mA≤Iout≤1A,
PD≤15W
-7.61
-8
-8.40
V
-10.5V≤Vin≤-25V
--
6
160
Line Regulation
REGline
Tj=25
oC
-11V≤Vin≤-17V
--
2
80
10mA≤Iout≤1A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
10.5V≤Vin≤25V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
52
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 11V≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
TS7909 Electrical Characteristics
(Vin= -15V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-8.65
-9
-9.36
Output Voltage
Vout
-11.5V≤Vin≤-23V, 10mA≤Iout≤1A,
PD≤15W
-8.57
-9
-9.45
V
-11.5V≤Vin≤-26V
--
6
180
Line Regulation
REGline
Tj=25
oC
-12V≤Vin≤-17V
--
2
90
10mA≤Iout≤1A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
-11.5V≤Vin≤-26V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
58
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -12V≤Vin≤-22V
56
71
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


유사한 부품 번호 - TS7900_07

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900A TSC-TS7900A Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
   3-Terminal Fixed Negative Voltage Regulator
More results

유사한 설명 - TS7900_07

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_13 Datasheet
252Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
List of Unclassifed Man...
OM7642SM ETC2-OM7642SM Datasheet
32Kb / 4P
   SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com