전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ08SC 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74ACTQ08SC
상세설명  Quiet Series??Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08SC 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ08SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ08 Rev. 1.3
3
DC Electrical Characteristics
Notes:
1. All outputs loaded; thresholds on input associated with output under test.
2. Maximum test duration 2.0ms, one output loaded at a time.
3. Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
4. Max number of data inputs (n) switching. (n–1) inputs switching 0V to 3V. Input-under-test switching:
3V to threshold (VILD), 0V to threshold (VIHD), f = 1MHz.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level
Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(1)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(1)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
ICCT
Maximum ICC/Input
5.5
V I = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(2)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
2.0
20.0
µA
VOLP
Quiet Output Maximum
Dynamic VOL
5.0
Figures 1 & 2(3)
1.1
1.5
V
VOLV
Quiet Output Minimum
Dynamic VOL
5.0
Figures 1 & 2(3)
–0.6
–1.2
V
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
(4)
1.9
2.2
V
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
(4)
1.2
0.8
V


유사한 부품 번호 - 74ACTQ08SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
More results

유사한 설명 - 74ACTQ08SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com