전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ08SC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ACTQ08SC
상세설명  Quiet Series??Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08SC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ08SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ08 Rev. 1.3
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
IIK
DC Input Diode Current
VI = –0.5V
VI = VCC + 0.5V
–20mA
+20mA
VI
DC Input Voltage
–0.5V to VCC + 0.5V
IOK
DC Output Diode Current
VO = –0.5V
VO = VCC + 0.5V
–20mA
+20mA
VO
DC Output Voltage
–0.5V to VCC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
–65°C to +150°C
DC Latch-Up Source or Sink Current
±300mA
TJ
Junction Temperature
140°C
Symbol
Parameter
Rating
VCC
Supply Voltage
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


유사한 부품 번호 - 74ACTQ08SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
More results

유사한 설명 - 74ACTQ08SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com