전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2101 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2101
상세설명  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TSC2101 Datasheet HTML 2Page - Texas Instruments TSC2101 Datasheet HTML 3Page - Texas Instruments TSC2101 Datasheet HTML 4Page - Texas Instruments TSC2101 Datasheet HTML 5Page - Texas Instruments TSC2101 Datasheet HTML 6Page - Texas Instruments TSC2101 Datasheet HTML 7Page - Texas Instruments TSC2101 Datasheet HTML 8Page - Texas Instruments TSC2101 Datasheet HTML 9Page - Texas Instruments TSC2101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
At +25°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC HEADPHONE OUTPUT
Load = 16 Ω (single-ended), 50 pF
Full-scale output voltage (0dB)
0.848
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
85
95
dBA
THD
−1 dBFS Input, 0-dB gain
−80
−60
dB
PSRR
217 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
Interchannel isolation
Coupling from ADC to DAC
80
dB
Mute attenuation
100
dB
Maximum output power
Per channel
44
mW
Digital volume control
−63.5
0
dB
Digital volume control step size
0.5
dB
Channel separation
Between SPK1 and SPK2
−75
dB
DAC SPEAKER OUTPUT
Load = 8 Ω (differential), 50 pF
Full-scale output voltage (0 dB)
1.838
Vrms
Output common mode
1.75
V
SNR
Measured as idle channel noise, A-weighted
90
98
dBA
THD
−1 dBFS Input, 0-dB gain
−74
−55
dB
217 Hz, 100 mV on AVDD1/2
70
PSRR
217 Hz, 100 mV on BVDD
70
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
70
dB
1020 Hz, 100 mV on BVDD
70
Interchannel isolation
Coupling from ADC to DAC
90
dB
Mute attenuation
100
dB
Maximum output power
400
mW
CELLPHONE
MIC INPUT TO CPOUT
1020-Hz Sine wave input on MICIN_HND,
load on CP_OUT = 10 kΩ, 50 pF
Full-scale input voltage (0 dB)
0.707
Vrms
Input common mode
1.5
V
Full-scale output voltage (0 dB)
0.707
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
80
89
dBA
THD
0 dBFS Input, 0-dB gain
−73
−60
dB
217 Hz, 100 mV on AVDD1/AVDD2/DRVDD
43
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD
43
dB
Interchannel isolation
CP_IN to CP_OUT
75
dB
Mute attenuation
CP_OUT muted
100
dB
(1) DAC PSRR measurement is calculated as:
PSRR + 20 log10
VSIGsup
VSPK1 2


유사한 부품 번호 - TSC2101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZG4 TI-TSC2101IRGZG4 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com