전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS803RCXERF 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS803RCXERF
상세설명  Microprocessor Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS803RCXERF 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS803RCXERF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS803RCXERF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS803RCXERF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS803RCXERF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS803RCXERF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS803RCXERF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS803
Microprocessor Reset Circuit
1/6
Version: A07
SOT-23
General Description
The TS803/TS803R are microprocessor (µP) supervisory circuit used to monitor the power supplies in µP and digital
systems. They provide excellent circuit reliability and low cost by eliminating external components and adjustments
when used with +5V, +3.3V, +3.0V powered circuits. These circuits perform a single function: they assert a reset
signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms
after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply
voltages are available. The TS803/TS803R are open –drain outputs. The TS803/TS803R have an active low RESET
output, while the TS803/TS803R has an active high RESET output. The reset comparator is designed to ignore fast
transients on VCC, and the output guaranteed to be in the correct logic state for VCC down to 1V. Low supply correct
makes the TS803/TS803R ideal for use in portable equipment.
Features
Precision monitoring of +3V, +3.3V & +5V power
supply voltage
Fully specified over temperature
Available in three output configurations
Open-Drain RESET low output
3uA supply current
Guaranteed reset valid to Vcc = +1V
Power supply transient immunity
No external components
Applications
Computers
Controllers
Intelligent Instruments
Critical uP and uC power monitoring
Portable / Battery Power Equipment
Automotive
Ordering Information
Note: x is the threshold voltage type, option as
TS803 Threshold Voltage
A : 4.63V
B : 4.38V
C : 4.00V
D : 3.08V
E : 2.93V
F : 2.63V
G : 2.32V
H : 2.1V
I : 2.0V
J : 1.8V
K :1.6V
TS803R Threshold Voltage
B : 4.20V
E : 2.93V
F : 2.70V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS803CXx RF
SOT-23
3Kpcs / 7” Reel
TS803RCXx RF
SOT-23
3Kpcs / 7” Reel
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
7
V
RESET & (RESET) Open Drain
VRESET
- 0.3 ~ (VCC +0.3)
V
Input Current, VCC
ICC
20
mA
Output Current, RESET
IO
20
mA
Rate of Rise, VCC
VR
100
V/uS
ESD Classification
B
Note: Stress above the listed absolute maximum rating may cause permanent damage to the device
HBM B: 2000V~3999V
Pin Definition:
TS803
TS803R
1. Ground
1. Reset
2. Reset
2. Ground
3. Vcc
3. Vcc


유사한 부품 번호 - TS803RCXERF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS803RCXE TSC-TS803RCXE Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results

유사한 설명 - TS803RCXERF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com