전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79B16 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 BZX79B16
상세설명  500 mW Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79B16 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX79B16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZX79B2V4
2.35
2.45
5
100
1.0
600
100
1.0
BZX79B2V7
2.65
2.75
5
100
1.0
600
75
1.0
BZX79B3V0
2.94
3.06
5
95
1.0
600
50
1.0
BZX79B3V3
3.23
3.37
5
95
1.0
600
25
1.0
BZX79B3V6
3.53
3.67
5
90
1.0
600
15
1.0
BZX79B3V9
3.82
3.98
5
90
1.0
600
10
1.0
BZX79B4V3
4.21
4.39
5
90
1.0
600
5
1.0
BZX79B4V7
4.61
4.79
5
80
1.0
500
3.0
2.0
BZX79B5V1
5.00
5.2
5
60
1.0
480
2.0
2.0
BZX79B5V6
5.49
5.71
5
40
1.0
400
1.0
2.0
BZX79B6V2
6.08
6.32
5
10
1.0
150
3.0
4.0
BZX79B6V8
6.66
6.94
5
15
1.0
80
2.0
4.0
BZX79B7V5
7.35
7.65
5
15
1.0
80
1.0
5.0
BZX79B8V2
8.04
8.36
5
15
1.0
80
0.7
5.0
BZX79B9V1
8.92
9.28
5
15
1.0
100
0.5
6.0
BZX79B10
9.80
10.2
5
20
1.0
150
0.2
7.0
BZX79B11
10.40
11.22
5
20
1.0
150
0.1
8.0
BZX79B12
11.40
12.24
5
25
1.0
150
0.1
8.0
BZX79B13
12.74
13.26
5
30
1.0
170
0.1
8.0
BZX79B15
14.70
15.30
5
30
1.0
200
0.05
10.5
BZX79B16
15.68
16.32
5
40
1.0
200
0.05
11.2
BZX79B18
17.64
18.36
5
45
1.0
225
0.05
12.6
BZX79B20
19.60
20.40
5
55
1.0
225
0.05
14.0
BZX79B22
21.56
22.44
5
55
1.0
250
0.05
15.4
BZX79B24
23.52
24.48
5
70
1.0
250
0.05
16.8
BZX79B27
26.46
27.54
2
80
0.5
300
0.05
18.9
BZX79B30
29.40
30.60
2
80
0.5
300
0.05
21.0
BZX79B33
32.34
33.66
2
80
0.5
325
0.05
23.1
BZX79B36
35.28
36.72
2
90
0.5
350
0.05
25.2
BZX79B39
38.22
39.78
2
130
0.5
350
0.05
27.3
BZX79B43
42.14
43.86
2
150
0.5
375
0.05
30.1
BZX79B47
46.06
47.94
2
170
0.5
375
0.05
32.9
BZX79B51
49.98
52.02
2
180
0.5
400
0.05
35.7
BZX79B56
54.88
57.12
2
200
0.5
425
0.05
39.2
BZX79B62
60.76
63.24
2.5
215
0.5
430
0.05
43.4
BZX79B68
66.64
69.36
2.5
240
0.5
447
0.05
47.6
BZX79B75
73.50
76.50
2.5
255
0.5
470
0.05
52.5
Notes:
1. Tolerance and voltage designation, the type numbers listed have zener voltage as shown.
2. Specials available include, nominal zener voltages between the voltages shown
and tighter voltage, for detailed information on price, availability and delivery.
3. Zener voltage (VZ) measurement, the zener voltage is measured under pulse
condicitons such that TJ is no more than 2
oC above T
A.
4. Zener impedance (ZZ) derivaton, zener impedance is derived from the 60-cycle ac
voltage, which results when an accurrent having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT.
Version: A07
VZ @ IZT
(Volts)


유사한 부품 번호 - BZX79B16

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BZX79B16 GE-BZX79B16 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79B16 EIC-BZX79B16 Datasheet
33Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX79B16 SEMTECH_ELEC-BZX79B16 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B16 TSC-BZX79B16 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SEMTECH ELECTRONICS LTD...
BZX79B160 SEMTECH_ELEC-BZX79B160 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - BZX79B16

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B_11 Datasheet
467Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com